Electronic Components Datasheet Search
  English  ▼

X  

MX802LH Datasheet(PDF) 19 Page - CML Microcircuits

Part # MX802LH
Description  DVSR CODEC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX802LH Datasheet(HTML) 19 Page - CML Microcircuits

Back Button MX802LH Datasheet HTML 15Page - CML Microcircuits MX802LH Datasheet HTML 16Page - CML Microcircuits MX802LH Datasheet HTML 17Page - CML Microcircuits MX802LH Datasheet HTML 18Page - CML Microcircuits MX802LH Datasheet HTML 19Page - CML Microcircuits MX802LH Datasheet HTML 20Page - CML Microcircuits MX802LH Datasheet HTML 21Page - CML Microcircuits MX802LH Datasheet HTML 22Page - CML Microcircuits MX802LH Datasheet HTML 23Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
DVSR CODEC
19
MX802
1998 MX-COM, Inc.
www.mxcom.com Tel: 800 638 5577 336 744 5050 Fax: 336 744 5054
Doc. # 20480033.008
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
6
Performance Specifications
6.1
Electrical Specifications
6.1.1
Absolute Maximum Limits
Exceeding these maximum ratings can result in damage to the device.
General
Notes
Min.
Typ.
Max.
Units
Supply (VDD-VSS)
-0.3
7.0
V
Voltage on any pin to VSS
-0.3
VDD + 0.3
V
Current
VDD
-30
30
mA
VSS
-30
30
mA
Any other pin
-20
20
mA
J / LH / LH8 Packages
Total allowable Power dissipation
at TAMB = 25C
800
mW
Derating above 25
C
10
mW/
C above 25C
Operating Temperature
-40
85
C
Storage Temperature
-55
125
C
Table 9: Absolute Maximum Ratings
6.1.2
Operating Limits
Correct Operation of the device outside these limits is not implied.
Notes
Min.
Typ.
Max.
Units
Supply (VDD-VSS)
4.5
5.0
5.5
V
Operating Temperature
-40
85
C
Xtal Frequency
4.0
MHz
Table 10: Operating Limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com