Electronic Components Datasheet Search
  English  ▼

X  

MX802LH Datasheet(PDF) 18 Page - CML Microcircuits

Part # MX802LH
Description  DVSR CODEC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX802LH Datasheet(HTML) 18 Page - CML Microcircuits

Back Button MX802LH Datasheet HTML 14Page - CML Microcircuits MX802LH Datasheet HTML 15Page - CML Microcircuits MX802LH Datasheet HTML 16Page - CML Microcircuits MX802LH Datasheet HTML 17Page - CML Microcircuits MX802LH Datasheet HTML 18Page - CML Microcircuits MX802LH Datasheet HTML 19Page - CML Microcircuits MX802LH Datasheet HTML 20Page - CML Microcircuits MX802LH Datasheet HTML 21Page - CML Microcircuits MX802LH Datasheet HTML 22Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
DVSR CODEC
18
MX802
1998 MX-COM, Inc.
www.mxcom.com Tel: 800 638 5577 336 744 5050 Fax: 336 744 5054
Doc. # 20480033.008
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
SINAD
(dB)
Input Level (dB)
Sample Rate = 32 kbps
0 dB ref. = 308 mVrms
1500 Hz
1000 Hz
600 Hz
30
20
10
-30
-24
-18
-12
-6
0
Figure 7: SINAD vs. Input Level at Different Frequencies
Input 0 dB Ref. = 308 mVrms
Input Level = -20 dB
Sample Rates = 25 or 50 kbps
Gain (dB)
Frequency (kHz)
+10
0
-10
-20
-30
-40
-50
-60
0.2
1
2
3
4
56
0dB
Figure 8: Typical Overall (Encoder + Decoder ) Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com