Electronic Components Datasheet Search
  English  ▼

X  

EV6020 Datasheet(PDF) 6 Page - CML Microcircuits

Part # EV6020
Description  Evaluation Kit User Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6020 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button EV6020 Datasheet HTML 2Page - CML Microcircuits EV6020 Datasheet HTML 3Page - CML Microcircuits EV6020 Datasheet HTML 4Page - CML Microcircuits EV6020 Datasheet HTML 5Page - CML Microcircuits EV6020 Datasheet HTML 6Page - CML Microcircuits EV6020 Datasheet HTML 7Page - CML Microcircuits EV6020 Datasheet HTML 8Page - CML Microcircuits EV6020 Datasheet HTML 9Page - CML Microcircuits EV6020 Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Evaluation Kit User Manual for FX602
EV6020
© 1996 Consumer Microcircuits Limited
6
UM6020/4
1.4
Signal Lists
CONNECTOR PINOUT - EVALUATION BOARD
Connector
Ref.
Connector
Pin No.
Signal
Name
Signal
Type
Description
J1
1, 2
VIN
Power
+ve power from external power supply.
3, 4
VSS
Power
0V power from external power supply.
5
TX-DTMF
I/P
Enables Tx from the DTMF generator.
6
AC-LOAD
I/P
Controls the relay which applies an ac load
across the line.
7
WETTING
PULSE
I/P
Controls the relay which applies a wetting
pulse across the line.
8
TX-LINE
I/P
Controls the relay which connects the
transformer across the line.
9
D3
I/P
Control Line "D3" to the DTMF generator.
10
D2
I/P
Control Line "D2" to the DTMF generator.
11
D1
I/P
Control Line "D1" to the DTMF generator.
12
D0
I/P
Control Line "D0" to the DTMF generator.
13
602-ZP
I/P
FX602: Zero-Power Select pin
14
602-MODE
I/P
FX602: Mode Select pin
15
602-IRQN
O/P
FX602:
µC Interrupt
16
602-DET
O/P
FX602: Detect pin
17
602-RXCK
I/P
FX602: Rx Data Clock pin
18
602-RXD
O/P
FX602: Rx Data pin
19
602-LVCP
O/P
Line Voltage Change Pulse from the
parallel phone detector.
20
/MUTE
I/P
Control Line to unmute the Local Voice
input (TP18).
J2
1, 2
-
-
Not Used. No connection needed.
3
A
BI
Bidirectional 'phone line (A = TIP)
4
B
BI
Bidirectional 'phone line (B = RING)
5, 6
-
-
Not Used. No connection needed.
J3
1
VSS
Power
0V power from external power supply.
2
VIN
Power
+ve power from external power supply.
Notes:
I/P = Input
O/P = Output
BI = Bidirectional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com