Electronic Components Datasheet Search
  English  ▼

X  

EV6020 Datasheet(PDF) 7 Page - CML Microcircuits

Part # EV6020
Description  Evaluation Kit User Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6020 Datasheet(HTML) 7 Page - CML Microcircuits

Back Button EV6020 Datasheet HTML 3Page - CML Microcircuits EV6020 Datasheet HTML 4Page - CML Microcircuits EV6020 Datasheet HTML 5Page - CML Microcircuits EV6020 Datasheet HTML 6Page - CML Microcircuits EV6020 Datasheet HTML 7Page - CML Microcircuits EV6020 Datasheet HTML 8Page - CML Microcircuits EV6020 Datasheet HTML 9Page - CML Microcircuits EV6020 Datasheet HTML 10Page - CML Microcircuits EV6020 Datasheet HTML 11Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Evaluation Kit User Manual for FX602
EV6020
© 1996 Consumer Microcircuits Limited
7
UM6020/4
TEST POINTS - EVALUATION BOARD
Test Point
Ref.
Default
Measurement
Description
TP1
0V
VSS connection.
TP2
0V
VSS connection.
TP3
-
FX602 RD input, pin 3.
TP4
-
FX602 RT signal, pin 4.
TP5
-
FX602 AOP signal, pin 5.
TP6
VDD/2
Line signal after transformer.
TP7
n/a
FX604 RXFB signal, pin 6. Not used on EV6020 evaluation board.
TP8
-
FX602 RXD output, pin 15.
TP9
-
FX602 RXCK input, pin 14.
TP10
-
FX602 DET output, pin 13.
TP11
-
FX602 IRQN output, pin 12. A pull-up resistor R11 is included on-board.
TP12
n/a
FX604 TXD input, pin 11. Identical to TP17 when in FX602 mode.
TP13
3.3V or 5.0V
VDD connection.
TP14
8 - 35V
VIN connection.
TP15
VDD/2
Hybrid transmit output (Local Voice).
TP16
VDD/2
Hybrid receive output (Remote Voice).
TP17
VDD
Parallel Phone Detector output.
TP18
-
Hybrid transmit input. Used as a mutable Local Voice input.
JUMPERS - EVALUATION BOARD
Link
Ref.
Positions
Default
Position
Description
JP1
1-2 or 2-3
2-3
Sets R2 value for line reversal (default) or ring detect usage
JP2
1-2
1-2
Disconnect to measure IDD of evaluation device.
JP3
1-2 or 2-3
2-3
Sets VDD = 3.3V (1-2) or VDD = 5.0V (2-3)
JP4
1-2 or 2-3
2-3
Sets FX602 input sensitivity for 3.3V or 5.0V operation.
JP5
1-2 or 2-3
2-3
Sets FX602 input sensitivity for 3.3V or 5.0V operation.
JP6
1-2 or 2-3
2-3
Sets FX604 input sensitivity for 3.3V or 5.0V operation.
JP7
1-2 or 2-3
2-3
Sets FX604 output drive level for 3.3V or 5.0V operation.
JP8_1,2
1-2
1-2
Disconnect to supply an external clock to JP8_1 (2).
JP9_1,2,
JP9_3,4
1-2
1-2
all o/c
User selectable DTMF answerback code. (Default = "C").
JP10
1-2
1-2
Links the Parallel Phone Detector to connector J1:19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com