Electronic Components Datasheet Search
  English  ▼

X  

EV6020 Datasheet(PDF) 1 Page - CML Microcircuits

Part # EV6020
Description  Evaluation Kit User Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6020 Datasheet(HTML) 1 Page - CML Microcircuits

  EV6020 Datasheet HTML 1Page - CML Microcircuits EV6020 Datasheet HTML 2Page - CML Microcircuits EV6020 Datasheet HTML 3Page - CML Microcircuits EV6020 Datasheet HTML 4Page - CML Microcircuits EV6020 Datasheet HTML 5Page - CML Microcircuits EV6020 Datasheet HTML 6Page - CML Microcircuits EV6020 Datasheet HTML 7Page - CML Microcircuits EV6020 Datasheet HTML 8Page - CML Microcircuits EV6020 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CML Semiconductor Products
Evaluation Kit User Manual
EV6020
© 1996 Consumer Microcircuits Limited
UM6020/4December 1996
1.0
Features
Advance Information
••
For FX602 Product Evaluation
••
User's Prototyping Area
••
Reconfigurable Board with
Interface to Optional
µµC Board
••
Space for Optional and Telco-
Specific Components
••
Parallel Phone Detector
••
Single Power Supply Operation
••
Easy Access to Test Points
••
On-Board Regulator
1.1
Brief Description
The EV6020 Evaluation Kit comprises a single board containing an FX602 and its associated line
interface components. It communicates with the CML
µC board (EV6000), or the user's own µC
board, which can demonstrate the use of the FX602 in telecommunications applications, when user
programmed. The EV6020 board is powered from a single 8 - 35V dc power supply; an on-board
regulator sets 3.3V or 5.0V operation. LEDs indicate data, control and interrupt line status (ZP,
MODE, IRQN and DET) and the FX602 may be driven from an external clock, or from its own crystal
oscillator. Important signals can be monitored by test points. The FX602 is socketed for easy
replacement; a ZIF socket may also be fitted. A user prototyping area is provided.
On-board relays may be used to implement a wetting pulse, to place an ac or dc load on the line, and
to interface the line to a transformer/op-amp hybrid for voice communications. A mutable voice input
and a
µC controllable or pre-settable DTMF generator are provided for CLI/CIDCW applications.
Operation of both these and the relays are indicated by LEDs. The parallel phone detector may be
used in adjunct box emulation. The FX602 supply current may be measured by removing a jumper.
Where components are telco-specific (line impedance, line protection, ac-load, wetting pulse, etc.)
space is provided for the user to add appropriate components.
Finally, with a different jumper configuration, an FX604 and appropriate
µC firmware, the EV6020
board may be used for evaluating the FX604 or the FX614. The manual is enclosed on disk.


Similar Part No. - EV6020

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
EV6021 CMLMICRO-EV6021 Datasheet
314Kb / 28P
User Manual
More results

Similar Description - EV6020

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141 Datasheet
304Kb / 7P
Evaluation Board User?셲 Manual
September 27, 2006
logo
CML Microcircuits
EV0171 CMLMICRO-EV0171 Datasheet
970Kb / 16P
Evaluation Kit User Manual
EV6040 CMLMICRO-EV6040 Datasheet
902Kb / 13P
Evaluation Kit User Manual
EV8000 CMLMICRO-EV8000 Datasheet
366Kb / 35P
Evaluation Kit User
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
Starter Kit Evaluation Kit Manual
logo
Analog Devices
AN5263 AD-AN5263 Datasheet
1Mb / 26P
78M6631 Evaluation Board User Manual
logo
Exar Corporation
XR2206D-F EXAR-XR2206D-F Datasheet
148Kb / 12P
Evaluation System User Manual
logo
Texas Instruments
MSP-EXP430G2 TI-MSP-EXP430G2 Datasheet
493Kb / 86P
Starter Kit Evaluation Kit Manual
logo
Teridian Semiconductor ...
73M1966B TERIDIAN-73M1966B_V01 Datasheet
345Kb / 18P
Evaluation Kit User Manual
March 19, 2009 Rev. 1.0
logo
SiTime Corp.
SIT6722EB SITIME-SIT6722EB Datasheet
534Kb / 8P
SiT6722EB Evaluation Board User Manual
Rev 2.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com