| Electronic Components Datasheet Search |
|
EV6090 Datasheet(PDF) 7 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
EV6090 Datasheet(HTML) 7 Page - CML Microcircuits |
|
7 / 12 page ![]() CVSD CODEC Evaluation Kit 7 EV6090 Evaluation Kit 2001 MX-COM, Inc. www.mxcom.com tel: 800 638 5577 336 744 5050 fax: 336 744 5054 Doc. # 20480218.003 4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA All trademarks and service marks are held by their respective companies. 3.3.3 S1 and S2 Switch Settings Circuit Condition When Switch Is: Switch Name Description ON OFF S1-C1 CLKMODE1 Used in conjunction with CLKMODE2 to set sampling rate and source (internal or external). See table on EV6090 for switch combinations. S1-C2 CLKMODE2 Used in conjunction with CLKMODE1 to set sampling rate and source (internal or external). See table on EV6090 for switch combinations. S1-C3 ALGORITHM Determines whether 3-bit or 4-bit companding algorithm will be used. In general, 3-bit companding yields better results at rates of 32kbps and below, while 4-bit companding should be used at 48kbps and above. 4-bit algorithm 3-bit algorithm S1-C4 DATAEN This switch is used in combination with the /POWERSAVE switch to determine the state of the CMX639 encoder output. Encoder output is at high impedance regardless of state of /POWERSAVE switch. Encoder output is enabled if /POWERSAVE switch is OFF, and is set to VSS if it is ON. S2-C1 /ENCODERFORCEIDLE This switch causes a “perfect idle” pattern of 0101… to be present at encoder output. Encoder produces idle pattern at output. Encoder operates normally. S2-C2 DECIN This switch selects the source of the decoder input signal. Decoder input taken from PCMCIA interface. Decoder input taken from either DECIN screw terminal or encoder output. S2-C3 /DECODERFORCEIDLE This switch causes a 0101… pattern to be internally applied to the CMX639 decoder, resulting in the decoder output pin going to VDD/2. Decoder output is VDD/2. Decoder operates normally. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |