Electronic Components Datasheet Search
  English  ▼

X  

EV6090 Datasheet(PDF) 1 Page - CML Microcircuits

Part # EV6090
Description  ADVANCE INFORMATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6090 Datasheet(HTML) 1 Page - CML Microcircuits

  EV6090 Datasheet HTML 1Page - CML Microcircuits EV6090 Datasheet HTML 2Page - CML Microcircuits EV6090 Datasheet HTML 3Page - CML Microcircuits EV6090 Datasheet HTML 4Page - CML Microcircuits EV6090 Datasheet HTML 5Page - CML Microcircuits EV6090 Datasheet HTML 6Page - CML Microcircuits EV6090 Datasheet HTML 7Page - CML Microcircuits EV6090 Datasheet HTML 8Page - CML Microcircuits EV6090 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
COMMUNICATION SEMICONDUCTORS
EV6090
USER MANUAL
CMX639 CVSD CODEC
Evaluation Kit
2001 MX-COM, Inc.
www.mxcom.com tel: 800 638 5577 336 744 5050 fax: 336 744 5054
Doc. # 20480218.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
ADVANCE INFORMATION
• CMX639 Product Evaluation
• Telephone Handset Connectors
• On-board Speaker Driver
•
Variable Gain Input Amplifier
• Selectable Sample Clock Rates
• Easy Jumper/Switch configuration
• User Prototyping PCB Area
x(-1)
x(-47)
S -20dB
to
+20dB
0dB
to
-6dB
Speaker
Driver
+20dB
Computer
Interface
Direct Out
P1: 1
E3
E4
XTAL
Switch Control (Local)
V+
I N
VDD
I N
AGND
V-
I N
Power
Conditioning
Telephone
Handset (Mic)
Telephone
Handset
(Earpiece)
CMX639
Audio +In
Audio -In
Input Conditioning
Gain Block
Direct In
P1: 2
P1: 3,4
Data Rate (2)
Algorithm
Force Idle (2)
Data En
Powersave
Mic Input
Dec In
2
3
4
D M
D M
Enc In
Dec Out
Enc Out
Dec In
Data
Clocks
The EV6090 is a single board evaluation platform used for the evaluation of the CMX639 CVSD codec. The
board is powered from an external supply that can be used to evaluate CVSD encoder and decoder
performance at different supply voltages.
Jumpers are provided to select signal paths, clock source, measure device current, etc.
Convenient I/O allows connection to a telephone handset, microphone, and/or a loudspeaker for simple
experiments.


Similar Part No. - EV6090

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
EV600 TEC-EV600 Datasheet
412Kb / 6P
Kilovac EV600 High Voltage Contactor
logo
CML Microcircuits
EV6000 CMLMICRO-EV6000 Datasheet
431Kb / 18P
CML Semiconductor Products
logo
Monolithic Power System...
EV6001DN-00A MPS-EV6001DN-00A Datasheet
222Kb / 5P
Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6001DN-00B MPS-EV6001DN-00B Datasheet
234Kb / 7P
Monolithic Flyback/Forward DC-DC Converter EV Board
EV6001DN-00C MPS-EV6001DN-00C Datasheet
258Kb / 5P
Monolithic Buck DC-DC Converter EV Board
More results

Similar Description - EV6090

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
ADVANCE INFORMATION
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
ADVANCE INFORMATION
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
Advance Information
68HC912DG128 MOTOROLA-68HC912DG128 Datasheet
3Mb / 424P
Advance Information
logo
Freescale Semiconductor...
MPC5121E FREESCALE-MPC5121E Datasheet
1Mb / 86P
Advance Information
logo
Motorola, Inc
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
Advance Information
logo
Freescale Semiconductor...
68HC08PT48 FREESCALE-68HC08PT48 Datasheet
2Mb / 352P
Advance Information
MC68HC708AS48 FREESCALE-MC68HC708AS48 Datasheet
3Mb / 396P
Advance Information
MC68HC05P18 FREESCALE-MC68HC05P18 Datasheet
1Mb / 144P
Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com