Electronic Components Datasheet Search
  English  ▼

X  

EV6090 Datasheet(PDF) 11 Page - CML Microcircuits

Part # EV6090
Description  ADVANCE INFORMATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6090 Datasheet(HTML) 11 Page - CML Microcircuits

Back Button EV6090 Datasheet HTML 4Page - CML Microcircuits EV6090 Datasheet HTML 5Page - CML Microcircuits EV6090 Datasheet HTML 6Page - CML Microcircuits EV6090 Datasheet HTML 7Page - CML Microcircuits EV6090 Datasheet HTML 8Page - CML Microcircuits EV6090 Datasheet HTML 9Page - CML Microcircuits EV6090 Datasheet HTML 10Page - CML Microcircuits EV6090 Datasheet HTML 11Page - CML Microcircuits EV6090 Datasheet HTML 12Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CVSD CODEC Evaluation Kit
11
EV6090 Evaluation Kit
2001 MX-COM, Inc.
www.mxcom.com tel: 800 638 5577 336 744 5050 fax: 336 744 5054
Doc. # 20480218.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
1 C1
C2
C3
C4
23
4
ON
S2
U5
100K
R36
C23
C24
100UF
C22
0.1UF
C28
R31
100K
1 C1
C2
C3
C4
2 3
4
ON
S1
E4
J4
J3
E11
E13
C25
.1UF
R30
10K
C27
.1UF
C6
.1UF
C5
.1UF
2200PF
C8
10K R9
.1UF C16
R33
C4
.1UF
10K
R4
10K R3
R6
100K
U4
U6
U2
E10
19
37
20
1
J1
R12
R11
R13
R10
R17
C31
R42
100
Ω
R1
3.9
C33
1000UF
E12
E9
E8
L1
R29
R22
R28
C32
1000UF
C15
.1UF
1000UF
C10
R16
1K
R27
U3
E2
E3
E6
E7
P1
P4
S3
.1UF C36
C14
1UF
U1
R43
C13
.1UF
10UF
C12
E5
OUTPUT DRIVER SECTION
RC2
RC1
COMPUTER CONTROL SECTION
POWER CONDITIONING
SECTION
S3
13
2
1
3
2
TP1
E1
HALT
EV6090
www.mxcom.com
www.cmlmicro.co.uk
www.cmlmicro.com.sg
MX6X9
CIRCUIT
SECTION
CLKMODE1
OFF
OFF
ON
ON
CLKMODE2
OFF
ON
OFF
ON
LOCAL DIGITAL CONTROL SECTION
GND
DECCLK
ENCCLK
DECIN
ENCOUT
16Kbit
32Kbit
64Kbit
EXTERNAL
3bit
4bit
100
Ω
AUDIO IN
ADJ
AUDIO OUT/
VOL ADJ
3bit
4bit
ALGORITHM
OFF
ON
Figure 8: Evaluation Board Layout
5 Specifications
Characteristic
Signal
Designator
Connector
Designator
Min
Typ
Max
Unit
s
Storage temperature
-20
70
°C
Operating temperature
10
35
°C
Analog ground
AGND
J2:4, J3:C1, J4:C1,
P2:2, P2:4, P3:3
0
0
0
V
Analog positive supply voltage
V+ IN
P3:1
2.7
5.5
V
Analog negative supply
voltage
V- IN
P3:4
-5.5
0
V
DUT & Digital supply voltage
VDD IN
P3:2
3.0
5.5
V
Microphone input jack type
MIC
J3:C1, C5
mono
or
stere
o
Speaker output jack type
SPEAKER
J4:C1, C3, C5
stere
o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com