Electronic Components Datasheet Search
  English  ▼

X  

EV8680 Datasheet(PDF) 36 Page - CML Microcircuits

Part # EV8680
Description  Evaluation Kit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8680 Datasheet(HTML) 36 Page - CML Microcircuits

Back Button EV8680 Datasheet HTML 31Page - CML Microcircuits EV8680 Datasheet HTML 32Page - CML Microcircuits EV8680 Datasheet HTML 33Page - CML Microcircuits EV8680 Datasheet HTML 34Page - CML Microcircuits EV8680 Datasheet HTML 35Page - CML Microcircuits EV8680 Datasheet HTML 36Page - CML Microcircuits EV8680 Datasheet HTML 37Page - CML Microcircuits EV8680 Datasheet HTML 38Page - CML Microcircuits EV8680 Datasheet HTML 39Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
Evaluation Kit for CMX868
EV8680
© 2000 Consumer Microcircuits Limited
36
UM8680/2
1.7
Performance Specification
1.7.1
Electrical Performance
1.7.1.1 Absolute Maximum Ratings
Exceeding these maximum ratings can result in damage to the Evaluation Kit.
Min.
Max.
Units
Supply (VIN - VSS)
-0.3
40.0
V
Supply (VDD - VSS)
-0.3
7.0
V
Voltage on any connector pin to VSS
-0.3
VDD + 0.3
V
Current into or out of VIN and VSS pins
0
+1.5
A
Current into or out of any other connector pin
-20
+20
mA
Storage Temperature
-10
+70
°C
Operating Temperature
+10
+35
°C
1.7.1.2 Operating Limits
Correct operation of the Evaluation Kit outside these limits is not implied. To operate the Evaluation Kit with
VDD = 5.5V the user should modify resistors R13 and R17 to prevent damage to the LEDs, D6 and D7.
Notes
Min.
Max.
Units
Supply (VIN - VSS)
8.0
14.0
V
Supply (VDD - VSS)
2.7
5.0
V
Operating Temperature
+10
+35
°C
1.7.1.3 Operating Characteristics
For the following conditions unless otherwise specified:
Evaluation Device Xtal Frequency = 11.0592MHz or 12.288MHz
±0.01% (100ppm)
VDD = 2.7V or 5.0V, Tamb = +25°C.
Notes
Min.
Typ.
Max.
Units
DC Parameters
IDD (evaluation board - idle)
1
30.0
-
mA
AC Parameters
Xtal/Clock Input
'High' pulse width
2
30
-
-
ns
'Low' pulse width
2
30
-
-
ns
Notes:
1.
Hook relay and CD LEDs off.
2.
Timing for an external input to the evaluation device CLOCK/XTAL pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com