Electronic Components Datasheet Search
  English  ▼

X  

EV8680 Datasheet(PDF) 4 Page - CML Microcircuits

Part # EV8680
Description  Evaluation Kit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8680 Datasheet(HTML) 4 Page - CML Microcircuits

  EV8680 Datasheet HTML 1Page - CML Microcircuits EV8680 Datasheet HTML 2Page - CML Microcircuits EV8680 Datasheet HTML 3Page - CML Microcircuits EV8680 Datasheet HTML 4Page - CML Microcircuits EV8680 Datasheet HTML 5Page - CML Microcircuits EV8680 Datasheet HTML 6Page - CML Microcircuits EV8680 Datasheet HTML 7Page - CML Microcircuits EV8680 Datasheet HTML 8Page - CML Microcircuits EV8680 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
Evaluation Kit for CMX868
EV8680
© 2000 Consumer Microcircuits Limited
4
UM8680/2
1.2
Preliminary Information
1.2.1
Laboratory Equipment
The following laboratory equipment is needed to use this evaluation kit:
1.2.1.1 8 - 14V dc Power Supply
1.2.1.2 An IBM compatible PC; 66MHz ‘486 or better, running Microsoft Windows
TM
95/NT.
The PIC
programming software supplied (PICPROGB.EXE) runs most efficiently under DOS and cannot be
used with Windows NT.
1.2.2
Handling Precautions
Like most evaluation kits, this product is designed for use in laboratory environments. The following
practices will help ensure its proper operation.
1.2.2.1 Static Protection
This product uses low power CMOS circuits which can be damaged by electrostatic discharge.
Partially damaged circuits can function erroneously, leading to misleading results.
Observe ESD
precautions at all times when handling this product.
1.2.2.2 Contents - Unpacking
Please ensure that you have received all of the items on the separate information sheet (EK8680) and
notify CML within 7 working days if the delivery is incomplete.
1.2.3
Approvals
This
product
is
not
approved
for
direct
or
indirect
connection
to
any
public
telecommunication system. Users are advised to observe local statutory requirements which
may apply to this product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com