Electronic Components Datasheet Search
  English  ▼

X  

EV8680 Datasheet(PDF) 18 Page - CML Microcircuits

Part # EV8680
Description  Evaluation Kit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8680 Datasheet(HTML) 18 Page - CML Microcircuits

Back Button EV8680 Datasheet HTML 14Page - CML Microcircuits EV8680 Datasheet HTML 15Page - CML Microcircuits EV8680 Datasheet HTML 16Page - CML Microcircuits EV8680 Datasheet HTML 17Page - CML Microcircuits EV8680 Datasheet HTML 18Page - CML Microcircuits EV8680 Datasheet HTML 19Page - CML Microcircuits EV8680 Datasheet HTML 20Page - CML Microcircuits EV8680 Datasheet HTML 21Page - CML Microcircuits EV8680 Datasheet HTML 22Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Evaluation Kit for CMX868
EV8680
© 2000 Consumer Microcircuits Limited
18
UM8680/2
Zn
Modem Reset
Instructs the modem to reset the evaluation device and then reload the factory S-
Register settings (See S-Register Table).
Syntax: ATZn<CR>
Modifier Usage
n=0 Reset CMX868 device and restore factory profile 0.
n=1 Reset CMX868 device and restore factory profile 1.
Extended EV8680 AT Commands
Command
Description
&Fn
Recall Factory Defaults
Instructs the modem to reload the factory S-Register settings (See S-Register
Table).
Syntax: AT&Fn<CR>
Modifier Usage
n=0 Recalls factory profile 0.
n=1 Recalls factory profile 1.
&Gn
Guard Tone Select
Selects the Guard tone to be transmitted with highband QAM or DPSK.
Syntax: AT&Gn<CR>
Modifier Usage
n=0 Disable guard tone (default).
n=1 Enable 550Hz guard tone.
n=2 Enable 1800Hz guard tone.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com