Electronic Components Datasheet Search
  English  ▼

X  

EV9900 Datasheet(PDF) 21 Page - CML Microcircuits

Part # EV9900
Description  Evaluation Kit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV9900 Datasheet(HTML) 21 Page - CML Microcircuits

Back Button EV9900 Datasheet HTML 17Page - CML Microcircuits EV9900 Datasheet HTML 18Page - CML Microcircuits EV9900 Datasheet HTML 19Page - CML Microcircuits EV9900 Datasheet HTML 20Page - CML Microcircuits EV9900 Datasheet HTML 21Page - CML Microcircuits EV9900 Datasheet HTML 22Page - CML Microcircuits EV9900 Datasheet HTML 23Page - CML Microcircuits EV9900 Datasheet HTML 24Page - CML Microcircuits EV9900 Datasheet HTML 25Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Evaluation Kit for CMX990
EV9900
©
CML Microsystems Plc
21
2005
UM9900/1
6.5
Application Information
6.5.1
TX Loop Operating Power Levels
The range of input powers to the feedback port (TxFB) of the offset loop is designed to allow
operation over an 80dB range. This is to permit the loop to lock prior to commencing power
ramping however initial CMX990 silicon has a slightly reduced operating range.
6.5.2
90MHz Operation
Operation of the Tx Loop with a 90MHz IF results in a small degradation of adjacent channel
power. The loop can also have problem locking if the free-running VCO frequency is below the
wanted Tx frequency.
Operation with a 45MHz IF is correct.
6.5.3
Transmitter Adjacent Channel Power
The following commands should be written to the CMX990 to improve the Tx Modulation
spectrum.
Address
Value
0x1C
0x00
0x1B
0x3D
0x1E
0x20
0x1D
0x00
0x1A
0x0C
0x1C
0x00
0x1B
0x3E
0x1E
0x20
0x1D
0x00
0x1A
0x0C
6.6
Evaluation Tests
The EV9900 is intended to allow evaluation of CMX990 RF and baseband performance. The
following is a list of typical test from radio modem standards. Some guidance notes on likely
EV9900 performance are provided.
Frequency Error
Compliant, based on a selected 19.2MHz VCTCXO.
Adjacent Channel Power (ACP)
60dB adjacent channel power can be demonstrated for 12.5kHz channels with G(M)FSK, Bt = 0.3
and 8kbit/s. To achieve this an external LO is required and a TxIF of 45MHz selected.
Spurious Emissions
EV9900 is not designed to be compliant with spurious emissions limits as transmitter filtering is
not included.
Transmitter Attack and Release Time, Transient Behaviour of the Transmitter
See section 6.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com