Electronic Components Datasheet Search
  English  ▼

X  

EV9900 Datasheet(PDF) 22 Page - CML Microcircuits

Part # EV9900
Description  Evaluation Kit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV9900 Datasheet(HTML) 22 Page - CML Microcircuits

Back Button EV9900 Datasheet HTML 18Page - CML Microcircuits EV9900 Datasheet HTML 19Page - CML Microcircuits EV9900 Datasheet HTML 20Page - CML Microcircuits EV9900 Datasheet HTML 21Page - CML Microcircuits EV9900 Datasheet HTML 22Page - CML Microcircuits EV9900 Datasheet HTML 23Page - CML Microcircuits EV9900 Datasheet HTML 24Page - CML Microcircuits EV9900 Datasheet HTML 25Page - CML Microcircuits EV9900 Datasheet HTML 26Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Evaluation Kit for CMX990
EV9900
©
CML Microsystems Plc
22
2005
UM9900/1
Maximum Usable Sensitivity
Typically –117dBm for 1% BER
Error rate at High Input Levels
See section 6.5.
Co-channel Rejection
With an interferer on the same frequency this is typically 8-10dB for 12.5kHz channel spacing
operation (8kbit/s). See also section 6.7.1.
Adjacent Channel Rejection (ACR)
ACR performance is limited by local oscillator phase-noise. The performance of the EV9900
meets Mobitex MIS requirements but does not meet EN 300 113.
Spurious Response Rejection
A front-end SAW filtering is not provided on the EV9900 so spurious response rejection is not
guaranteed.
Blocking or Desensitisation
Blocking performance is about 80dB. This will be improved in later silicon.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com