Electronic Components Datasheet Search
  English  ▼

X  

EV9900 Datasheet(PDF) 23 Page - CML Microcircuits

Part # EV9900
Description  Evaluation Kit
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV9900 Datasheet(HTML) 23 Page - CML Microcircuits

Back Button EV9900 Datasheet HTML 19Page - CML Microcircuits EV9900 Datasheet HTML 20Page - CML Microcircuits EV9900 Datasheet HTML 21Page - CML Microcircuits EV9900 Datasheet HTML 22Page - CML Microcircuits EV9900 Datasheet HTML 23Page - CML Microcircuits EV9900 Datasheet HTML 24Page - CML Microcircuits EV9900 Datasheet HTML 25Page - CML Microcircuits EV9900 Datasheet HTML 26Page - CML Microcircuits EV9900 Datasheet HTML 27Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Evaluation Kit for CMX990
EV9900
©
CML Microsystems Plc
23
2005
UM9900/1
6.7
Troubleshooting
The CMX990 is a complex RF and Baseband system. If incorrectly programmed or modified,
results will be at variance from datasheet performance. Please study the datasheet, this manual
and the associated schematics and layout drawings carefully when troubleshooting.
This section provides some suggestions to help users resolve application issues they might
encounter.
6.7.1
Receiver Operation
Error Observed
Possible Cause
Remedy
No
packets
are
received,
however synthesisers are locked
and
the
receiver
otherwise
appears
to
be
operating
correctly.
‘INV’ bit incorrectly set.
Invert current setting of ‘INV’ bit.
Receiver sensitivity is 30dB less
than anticipated.
‘Sign’ bit is incorrectly set.
Invert current setting on ‘Sign’
bit
Degraded receiver performance.
Incorrect
DC
offset
correction.
Ensure
DC
offset
correction
sequence has been executed.
Degraded
receiver
sensitivity
and/or imbalance in adjacent
channel power in the transmitter
(i.e. ACP high is much better
than ACP low or vice versa)
There
is
a
frequency
offset between EV9900
reference oscillator and
the test equipment.
(Note: EV9900 requires
an
approximate
AFC
value to be programmed
into the DAC1. A value of
0x95 in register 0x0B is a
good starting point.)
To check if a frequency error
exists measure the frequency of
the main local oscillator either
using the measuring equipment
in question or compare results
from EV9900 with those from
the measurement equipment.
To overcome a frequency error
either:
a) Use a external reference for
the EV9900
b) Tune to control voltage on
the AFC output (DAC1).
Poor
sensitivity
on
some
channels
or
BER results variable.
The main Tx VCO is not
powered down and can
drift into the Rx band.
In a normal modem design the
Tx
VCO
(U18)
would
be
powered down during Rx mode.
This is not implemented on
EV9900.
To overcome the problem the
Tx VCO should be disabled
during Rx BER testing. This can
be done by removing R67.
Poor
co-channel
rejection
at
negative frequency offsets
The SAW IF filter (F2) is
slightly miss-aligned.
Change L4 to 1.8
µH.
Note: is necessary to ensure the
centre frequency of the receiver
matches that of the test signal
generators
precisely
to
get
reliable results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com