Electronic Components Datasheet Search
  English  ▼

X  

FX002 Datasheet(PDF) 3 Page - CML Microcircuits

Part # FX002
Description  Signal to Noise Enhancer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX002 Datasheet(HTML) 3 Page - CML Microcircuits

  FX002 Datasheet HTML 1Page - CML Microcircuits FX002 Datasheet HTML 2Page - CML Microcircuits FX002 Datasheet HTML 3Page - CML Microcircuits FX002 Datasheet HTML 4Page - CML Microcircuits FX002 Datasheet HTML 5Page - CML Microcircuits FX002 Datasheet HTML 6Page - CML Microcircuits FX002 Datasheet HTML 7Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Application Information
External Components
0
2000
4000
6000
8000
10000
12000
14000
Maximum Input Frequency (Hz)
Minimum Input Frequency (Hz)
Input Signal Bandwidth (Hz)
Maximum Clock Limit
at VDD =2.5V
Maximum Clock Limit
at VDD =3.0V
For VDD =5.0V
Xtal/Clock Frequency (kHz)
0
500
1000
1500
2000
2500
Minimum Input Frequency =
Xtal/Clock Frequency (Hz)
1200
Maximum Input Frequency =
Xtal/Clock Frequency (Hz)
190
Fig.3 Examples of Input Signal Ranges vs Xtal/Clock Frequency
Component
Value for V
DD = 5.0V
R
1
2.2M
Ω
R
2
1.0M
Ω
C
1
0.01µF
C
2
47.0pF -see below
C
3
47.0pF -see below
C
4
5 - 65pF -see below
C
5
1.0µF
X
1
560kHz resonator
X
1 range
20kHz to 2.5MHz
Table 3 Recommended External Components
Xtal/Clock
Input Freq. (Hz)
Freq. (kHz)
Min
Max
BW (Hz)
20
17
105
88
100
88
526
443
200
166
1052
886
300
250
1579
1329
400
333
2105
1772
500
416
2632
2216
560
467
2947
2480
600
500
3158
2658
700
583
3684
3101
800
667
4210
3543
900
750
4737
3987
1000
833
5263
4430
2000
1667
10526
8859
2500
2083
13157
11074
Table 2 Input Signal Ranges vs Xtal/Clock Frequency
Xtal/Clock Components
C
4 is suggested for frequency setting when using a
resonator; when a Xtal is used C
4 is omitted.
Values
of capacitors C
2 and C3 should be reduced for higher
Xtal frequencies and/or lower supply voltages (V
DD).
V
DD
V
SS
VDD
VDD
C5
R
1
C 1
V
SS
V
SS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SIGNAL IN
XTAL/CLOCK
SIGNAL
INPUT
OUTPUT
(f = 4 x SIGNAL IN)
x
x
x
x
x
x
SIGNAL BIAS
CLOCK
OUTPUT
6
FX002J
XTAL
XTAL/CLOCK
6
7
VSS
C3
C2
C4
X1
R2
XTAL
XTAL/CLOCK
OUTPUT
4
Fig.2 Recommended External Components



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com