Electronic Components Datasheet Search
  English  ▼

X  

FX002 Datasheet(PDF) 1 Page - CML Microcircuits

Part # FX002
Description  Signal to Noise Enhancer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX002 Datasheet(HTML) 1 Page - CML Microcircuits

  FX002 Datasheet HTML 1Page - CML Microcircuits FX002 Datasheet HTML 2Page - CML Microcircuits FX002 Datasheet HTML 3Page - CML Microcircuits FX002 Datasheet HTML 4Page - CML Microcircuits FX002 Datasheet HTML 5Page - CML Microcircuits FX002 Datasheet HTML 6Page - CML Microcircuits FX002 Datasheet HTML 7Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PRODUCT INFORMATION
CML Semiconductor Products
FX002
Features
Up to 8.5dB Signal-to-Noise
Improvement
Input Frequency Range: 17Hz to 13kHz
[Sub-Audio and Audio Frequencies]
Low-Voltage Operation: 2.5 Volts
10mVrms Minimum Signal Input
Digital Output Signal (f
IN x 4)
‘Divided-Down’ Clock Outputs
Applications
Radio Communications and
Paging Systems
Tone Detection
Sonar Detection and Analysis
Slow Data-Rate Communications
Medical Equipment
Interference Investigation
Brief Description
The FX002 is a single-chip device to extract single
periodic signals from very high random-noise
environments.
Using patented autocorrelation techniques the
FX002 will enhance the input signal's signal-to-noise
ratio by as much as 8.5dB and provide a digital output
signal centred at four times (x4) the input frequency.
The amplitude of non-periodic components of the
signal is substantially reduced. The patented
autocorrelator compares the incoming signal to itself;
the more elements of the waveform that are seen as
periodic, the higher the energy at the microcircuit
output.
The FX002 cascades two autocorrelators, each one
improving the signal-to-noise ratio.
Signal to Noise Enhancer
Publication D/002/2 July 1994
FX002
Fig.1 Functional Block Diagram
SIGNAL IN
SIGNAL BIAS
AUTOCORRELATION
PROCESS
OUTPUT
[4 x SIGNAL IN]
XTAL/CLOCK
CLOCKS
XTAL
VDD
VSS
XTAL/CLOCK
GENERATOR/
DIVIDER
-
+
DELAY
48-BIT
COMPARE
LOGIC
DELAY
48-BIT
INTERPOLATE
INTERPOLATE
OUTPUT
LOGIC
DELAY
24-BIT
COMPARE
LOGIC
DELAY
24-BIT
CLOCK
6
OUTPUT
CLOCK
24
OUTPUT
With a random noise input the output will swing
rail-to-rail at random (peak-limited). The input/output
signal delay is fixed by the choice of clock frequency
and the length of the internal register. The FX002 will
operate at supply voltages of between 2.5 volts and
5.5 volts and with Xtal/clock frequencies from 20kHz to
2.5MHz. Using various Xtal/clock inputs the device can
be set to accept input signal frequencies, in bands,
from 17.0Hz to 13.0kHz.
Two uncommited clock outputs are available to
supply 'divided-down' Xtal/clock frequencies for use in
external and peripheral functions.
This low-power signal processing device is
available in 16-pin cerdip dual-in-line (DIL) and plastic
small outline (S.O.I.C.) surface mount packages.


Similar Part No. - FX002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FX001 TI1-FX001 Datasheet
1Mb / 39P
Dual-Synchronous, Step-Down Controller with Out-of-Audio Operation and 100-mA LDOs for Notebook System Power
logo
List of Unclassifed Man...
FX003 ETC-FX003 Datasheet
372Kb / 6P
QTC Selective Call Tone Decoders
logo
CML Microcircuits
FX003 CMLMICRO-FX003 Datasheet
376Kb / 6P
Selective Call
logo
Texas Instruments
FX003 TI2-FX003 Datasheet
1Mb / 38P
High Performance, Single-Synchronous Step-Down Controller with Differential Voltage Feedback
REVISED OCTOBER 2011
logo
List of Unclassifed Man...
FX003QA ETC-FX003QA Datasheet
372Kb / 6P
QTC Selective Call Tone Decoders
More results

Similar Description - FX002

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2209 NJRC-NJM2209 Datasheet
196Kb / 4P
VIDEO PICTURE ENHANCER
logo
Rohm
BU1570KN ROHM-BU1570KN Datasheet
383Kb / 6P
Camera Image Adaptive Enhancer IC for security devices
logo
American Accurate Compo...
LA0301N3620 AAC-LA0301N3620 Datasheet
161Kb / 3P
Broadband Low Noise Small Signal Amp 0.3 to 18GHz
logo
Intersil Corporation
QHX220 INTERSIL-QHX220 Datasheet
1Mb / 19P
Active Isolation Enhancer and Interference Canceller
logo
Rohm
BU1570KN ROHM-BU1570KN_09 Datasheet
332Kb / 9P
AIE: Adaptive Image Enhancer
logo
List of Unclassifed Man...
2412003A1000 ETC2-2412003A1000 Datasheet
1Mb / 4P
Increased bandwidth and signal-to-noise margin
NP289 ETC2-NP289 Datasheet
1Mb / 4P
Increased bandwidth and signal-to-noise margin
logo
Winson Semiconductor Co...
WCS2801 WINSON-WCS2801 Datasheet
642Kb / 5P
Low noise analog signal path
logo
Renesas Technology Corp
QHX220 RENESAS-QHX220 Datasheet
1Mb / 19P
Active Isolation Enhancer and Interference Canceller
logo
Microchip Technology
MTCH1010 MICROCHIP-MTCH1010 Datasheet
730Kb / 31P
High Signal to Noise Ratio (SNR)
2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com