Electronic Components Datasheet Search
  English  ▼

X  

FX002 Datasheet(PDF) 4 Page - CML Microcircuits

Part # FX002
Description  Signal to Noise Enhancer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX002 Datasheet(HTML) 4 Page - CML Microcircuits

  FX002 Datasheet HTML 1Page - CML Microcircuits FX002 Datasheet HTML 2Page - CML Microcircuits FX002 Datasheet HTML 3Page - CML Microcircuits FX002 Datasheet HTML 4Page - CML Microcircuits FX002 Datasheet HTML 5Page - CML Microcircuits FX002 Datasheet HTML 6Page - CML Microcircuits FX002 Datasheet HTML 7Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
fSIGNAL IN
fOUT =4xfSIGNAL IN
SIGNAL OUT
Frequency
Level
SIGNAL IN
Application Information ......
Fig.4 Example FX002 Input/Output Relationships
The diagrams in Figure 4 are example spectrums of the input and output signal conditions of the FX002.
Note that the frequency of the output signal is four times (x4) that of the input signal.
Effective Output Signal-to-Noise Ratio (dB)
Input Signal = 2.7kHz 20mVrms
Xtal/Clock Frequency 500kHz
VDD =5.0V
Input Signal-to-Noise Ratio (dB)
1
2
3
4
5
6
7
8
9
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
7
8
Fig.5 Enhancement of Signal-To-Noise Ratio
The graph shown in Figure 5 illustrates the signal-to-noise enhancement that can be obtained, under varying
input conditions, from the FX002.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com