Electronic Components Datasheet Search
  English  ▼

X  

AP7332 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7332
Description  DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7332 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7332 Datasheet HTML 1Page - Diodes Incorporated AP7332 Datasheet HTML 2Page - Diodes Incorporated AP7332 Datasheet HTML 3Page - Diodes Incorporated AP7332 Datasheet HTML 4Page - Diodes Incorporated AP7332 Datasheet HTML 5Page - Diodes Incorporated AP7332 Datasheet HTML 6Page - Diodes Incorporated AP7332 Datasheet HTML 7Page - Diodes Incorporated AP7332 Datasheet HTML 8Page - Diodes Incorporated AP7332 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AP7332
DUAL 300mA LOW QUIESCENT CURRENT FAST
TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP7332
Document number: DS35132 Rev. 1 - 2
1 of 18
www.diodes.com
December 2010
© Diodes Incorporated
Description
The AP7332 is 300mA, dual fixed output voltage, low dropout
linear regulator. The AP7332 includes the pass element,
error amplifier, band-gap, current limit and thermal shutdown
circuitry which protect the IC from damage in fault conditions.
The AP7332 has two enable pins (EN1 and EN2) to
independently turn the respective channel on when a logic
high level is applied.
The characteristics of low dropout voltage and low quiescent
current make it suitable for low power applications. The
typical quiescent current is approximately 60
μA.
This device is available with fixed output options of
1.0V/1.0V,
1.0V/3.3V,
1.2V/1.8V,
1.2V/3.3V,
1.5V/2.8V,
1.5V/3.0V,
1.5V/3.3V,
1.8V/2.8V,
1.8V/3.0V,
1.8V/3.3V,
2.5V/3.0V, 2.8V/3.3V and 3.3V/3.3V.
For other output options please contact our local sales
representative directly or through our distributor located in
your area.
The
AP7332
is
available
in
SOT26 and
DFN2018-6
packages.
Features
•
300mA Low Dropout Regulator with EN
•
Very low IQ: 60µA
•
Wide input voltage range: 2V to 6V
•
Fixed output options: 1.0V to 3.3V
•
High PSRR: 65dB at 1kHz
•
Fast start-up time: 60µs
•
Stable with low ESR, 1µF ceramic output capacitor
•
Excellent Load/Line Transient Response
•
Low dropout: 300mV at 300mA
•
Current limit protection
•
Short circuit protection
•
Thermal shutdown protection
•
Ambient temperature range: -40ºC to 85°C
•
SOT26 and DFN2018-6: Available in “Green” Molding
Compound (No Br, Sb)
•
Lead Free Finish/RoHS Compliant (Note 1)
Pin Assignments
1
3
2
6
4
OUT2
GND
EN2
EN1
OUT1
5 IN
(Top View)
SOT26
IN
EN1
EN2
1
2
3
6
5
4
OUT1
OUT2
GND
(Top View)
DFN2018-6
Applications
•
Cellular Phones
•
Smart Phones, PDAs
•
MP3/MP4
•
Bluetooth head set
•
Low power application
Note:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.


Similar Part No. - AP7332

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7332-1010FM-7 DIODES-AP7332-1010FM-7 Datasheet
298Kb / 18P
DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
AP7332-1010W6-7 DIODES-AP7332-1010W6-7 Datasheet
298Kb / 18P
DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
AP7332-1033FM-7 DIODES-AP7332-1033FM-7 Datasheet
298Kb / 18P
DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
AP7332-1033W6-7 DIODES-AP7332-1033W6-7 Datasheet
298Kb / 18P
DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
AP7332-1218FM-7 DIODES-AP7332-1218FM-7 Datasheet
298Kb / 18P
DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
More results

Similar Description - AP7332

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP133 DIODES-AP133 Datasheet
970Kb / 14P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
AP7335 DIODES-AP7335 Datasheet
237Kb / 18P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32259 Rev. 1 - 2
AP7331 DIODES-AP7331 Datasheet
372Kb / 13P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT
DS31914 Rev. 3 - 2
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7333 Rev. 2
AP133 DIODES-AP133_09 Datasheet
415Kb / 15P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT
AP133 Rev. 6
AP7335_1009 DIODES-AP7335_1009 Datasheet
238Kb / 17P
300mA, Low Quiescent Current, Fast Transient
DS32259 Rev. 2 - 2
AP7335A DIODES-AP7335A Datasheet
273Kb / 12P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 2
AP7331-28WG-7 DIODES-AP7331-28WG-7 Datasheet
372Kb / 13P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
AP7332-1218FM-7 DIODES-AP7332-1218FM-7 Datasheet
298Kb / 18P
DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com