Electronic Components Datasheet Search
  English  ▼

X  

AP7332 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP7332
Description  DUAL 300mA LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7332 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP7332 Datasheet HTML 10Page - Diodes Incorporated AP7332 Datasheet HTML 11Page - Diodes Incorporated AP7332 Datasheet HTML 12Page - Diodes Incorporated AP7332 Datasheet HTML 13Page - Diodes Incorporated AP7332 Datasheet HTML 14Page - Diodes Incorporated AP7332 Datasheet HTML 15Page - Diodes Incorporated AP7332 Datasheet HTML 16Page - Diodes Incorporated AP7332 Datasheet HTML 17Page - Diodes Incorporated AP7332 Datasheet HTML 18Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
AP7332
DUAL 300mA LOW QUIESCENT CURRENT FAST
TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP7332
Document number: DS35132 Rev. 1 - 2
14 of 18
www.diodes.com
December 2010
© Diodes Incorporated
Ordering Information
AP7332- XXYY XX - 7
Package
FM : DFN2018-6
7 : Tape & Reel
Packing
Output Voltage : VOUT1/VOUT2
W6 : SOT26
1010 : 1.0V / 1.0V
1533 : 1.5V / 3.3V
1528 : 1.5V / 2.8V
1233 : 1.2V / 3.3V
1218 : 1.2V / 1.8V
1033 : 1.0V / 3.3V
1830 : 1.8V / 3.0V
2530 : 2.5V / 3.0V
1828 : 1.8V / 2.8V
1530 : 1.5V / 3.0V
1833 : 1.8V / 3.3V
2833 : 2.8V / 3.3V
3333 : 3.3V / 3.3V
Device
Package Code
Packaging
(Note 8)
7” Tape and Reel
Quantity
Part Number Suffix
AP7332-XXYYW6-7
W6
SOT26
3000/Tape & Reel
-7
AP7332-XXYYFM-7
FM
DFN2018-6
3000/Tape & Reel
-7
Note:
8. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com