Electronic Components Datasheet Search
  English  ▼

X  

IC-VRV Datasheet(PDF) 11 Page - IC-Haus GmbH

Part # IC-VRV
Description  BIDIRECTIONAL 關P INTERFACE TO 24V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-VRV Datasheet(HTML) 11 Page - IC-Haus GmbH

Back Button IC-VRV Datasheet HTML 4Page - IC-Haus GmbH IC-VRV Datasheet HTML 5Page - IC-Haus GmbH IC-VRV Datasheet HTML 6Page - IC-Haus GmbH IC-VRV Datasheet HTML 7Page - IC-Haus GmbH IC-VRV Datasheet HTML 8Page - IC-Haus GmbH IC-VRV Datasheet HTML 9Page - IC-Haus GmbH IC-VRV Datasheet HTML 10Page - IC-Haus GmbH IC-VRV Datasheet HTML 11Page - IC-Haus GmbH IC-VRV Datasheet HTML 12Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
iC-VRV
BIDIRECTIONAL µP INTERFACE TO 24V
Rev A2, Page 11/12
iC-Haus expressly reserves the right to change its products and/or specifications. An info letter gives details as to any amendments and additions made to the
relevant current specifications on our internet website www.ichaus.com/infoletter; this letter is generated automatically and shall be sent to registered users by email.
Copying
B even as an excerpt B is only permitted with iC-Haus approval in writing and precise reference to source.
iC-Haus does not warrant the accuracy, completeness or timeliness of the specification on this site and does not assume liability for any errors or omissions in the
materials. The data specified is intended solely for the purpose of product description. No representations or warranties, either express or implied, of merchantability,
fitness for a particular purpose or of any other nature are made hereunder with respect to information/specification or the products to which information refers and
no guarantee with respect to compliance to the intended use is given. In particular, this also applies to the stated possible applications or areas of applications of
the product.
iC-Haus conveys no patent, copyright, mask work right or other trade mark right to this product. iC-Haus assumes no liability for any patent and/or other trade mark
rights of a third party resulting from processing or handling of the product and/or any other use of the product.
As a general rule our developments, IPs, principle circuitry and range of Integrated Circuits are suitable and specifically designed for appropriate use in technical
applications, such as in devices, systems and any kind of technical equipment, in so far as they do not infringe existing patent rights. In principle the range of use
is limitless in a technical sense and refers to the products listed in the inventory of goods compiled for the 2008 and following export trade statistics issued annually
by the Bureau of Statistics in Wiesbaden, for example, or to any product in the product catalogue published for the 2007 and following exhibitions in Hanover
(Hannover-Messe).
We understand suitable application of our published designs to be state-of-the-art technology which can no longer be classed as inventive under the stipulations
of patent law. Our explicit application notes are to be treated only as mere examples of the many possible and extremely advantageous uses our products can be
put to.
Figure 4: Data word read/write timing
Figure 3: Reference levels
OPERATING REQUIREMENTS: µP INTERFACE
Operating Conditions: VCC= VCCA= VCCD= 5V ±10%, Ta= 0..70EC, CL()= 150pF,
input levels lo= 0..0.45V, hi= 2.4V..VCC, see Fig. 3 for reference levels and waveforms
Item
Symbol
Parameter
Conditions
Fig.
Unit
Min.
Max.
Data Word Read Timing
I1
tAR
Setup Time:
CSN, A0, A1 set before RDN hi6lo
4
30
ns
I2
tRA
Hold Time:
CSN, A0, A1 stable after RDN lo6hi
4
10
ns
I3
tRD
Read Data Access Time:
Data valid after RDN hi6lo
4
120
ns
I4
tDF
Read Data Hold Time: Ports high
impedance after RDN lo6hi
4
65
ns
I5
tRW
Recovery Time between Read/Write
Cycles
4
165
ns
Data Word Write Timing
I6
tAW
Setup Time:
CSN, A0, A1 set before WRN hi6lo
4
30
ns
I7
tDW
Write Data Setup Time:
Data valid before WRN lo6hi
4
100
ns
I8
tWA
Hold Time:
CSN, A0, A1 stable after WRN lo6hi
4
10
ns
I9
tWD
Write Data Hold Time:
Data valid after WRN lo6hi
4
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com