Electronic Components Datasheet Search
  English  ▼

X  

IC-VRV Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-VRV
Description  BIDIRECTIONAL 關P INTERFACE TO 24V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-VRV Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-VRV Datasheet HTML 1Page - IC-Haus GmbH IC-VRV Datasheet HTML 2Page - IC-Haus GmbH IC-VRV Datasheet HTML 3Page - IC-Haus GmbH IC-VRV Datasheet HTML 4Page - IC-Haus GmbH IC-VRV Datasheet HTML 5Page - IC-Haus GmbH IC-VRV Datasheet HTML 6Page - IC-Haus GmbH IC-VRV Datasheet HTML 7Page - IC-Haus GmbH IC-VRV Datasheet HTML 8Page - IC-Haus GmbH IC-VRV Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
iC-VRV
BIDIRECTIONAL µP INTERFACE TO 24V
Rev A2, Page 3/12
PACKAGES PLCC44 to JEDEC Standard
PIN CONFIGURATION PLCC44
(top view)
PIN FUNCTIONS PLCC44
No.
Name
Function
Description
No.
Name
Function
Description
1
D3
B
Bus Data Bit 3
23
COM
Diodes, common cathode
2
A0
I
Address
24
IO0
B
I/O Stage 0
3
A1
I
Address
25
GND01
Ground Stage 0+1
4
CSN
I
Chip Select
26
IO1
B
I/O Stage 1
5
n.c.
27
IO2
B
I/O Stage 2
6
WRN
I
Write Enable
28
GND23
Ground Stage 2+3
7
RDN
I
Read Enable
29
IO3
B
I/O Stage 3
8
RESN
I
Reset
30
VCCA
+5 V Supply (analog section)
9
BLFQ
I
Clock, flashing function
31
n.c.
10
CLK
I
Clock, filter function
32
n.c.
11
INTN
O
Interrupt Report
33
n.c.
12
GNDD
Digital Ground
34
VCCD
+5 V Supply (digital section)
13
n.c.
35
D4
B
Bus Data Bit 4
14
n.c.
36
D5
B
Bus Data Bit 5
15
n.c.
37
D6
B
Bus Data Bit 6
16
GNDA
Analog Ground
38
D7
B
Bus Data Bit 7
17
IO4
B
I/O Stage 4
39(*)
CTEST
18
GND45
Ground Stage 4+5
40
D0
B
Bus Data Bit 0
19
IO5
B
I/O Stage 5
41(*)
ENERR
20
IO6
B
I/O Stage 6
42
D1
B
Bus Data Bit 1
21
GND67
Ground Stage 6+7
43
D2
B
Bus Data Bit 2
22
IO7
B
I/O Stage 7
44(x)
CERR
*: pin needs external wiring to Ground
x: pin should left open
Function: I = Input, O = Output, B = bidirectional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com