Electronic Components Datasheet Search
  English  ▼

X  

2SA2034 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SA2034
Description  High-Voltage Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA2034 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SA2034 Datasheet HTML 1Page - Toshiba Semiconductor 2SA2034 Datasheet HTML 2Page - Toshiba Semiconductor 2SA2034 Datasheet HTML 3Page - Toshiba Semiconductor 2SA2034 Datasheet HTML 4Page - Toshiba Semiconductor 2SA2034 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SA2034
2009-12-21
4
rth – tw
Collector-emitter voltage
−V
CE
(V)
Safe Operating Area
Pulse width tw (s)
1000
1
1m
1000
10m
1
100
10
100
0.001
10
1 ms*
10 ms*
VCEO max
100 μs*
100 ms*
IC max (continuous)*
1
100
1000
10
0.1
1
0.01
10 μs*
DC operation
Tc = 25°C
*:Single nonrepetitive pulse
Tc = 25°C
Curves must be derated
linearly with increase in
temperature.
100m
10
IC max (pulse)*
Curves apply only to limited areas of thermal
resistance (single nonrepetitive pulse).
①
Infinite heatsink
②
No heatsink
②
①



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com