Electronic Components Datasheet Search
  English  ▼

X  

2SA2034 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SA2034
Description  High-Voltage Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA2034 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SA2034 Datasheet HTML 1Page - Toshiba Semiconductor 2SA2034 Datasheet HTML 2Page - Toshiba Semiconductor 2SA2034 Datasheet HTML 3Page - Toshiba Semiconductor 2SA2034 Datasheet HTML 4Page - Toshiba Semiconductor 2SA2034 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SA2034
2009-12-21
1
TOSHIBA Transistor Silicon PNP Triple Diffused Type
2SA2034
High-Voltage Switching Applications
High voltage
: VCBO = −400 V
High speed
: tf = 0.3 μs (max) (IC = −1.0 A)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Collector−base voltage
VCBO
−400
V
Collector−emitter voltage
VCEO
−400
V
Emitter−base voltage
VEBO
−7
V
DC
IC
−2
Collector current
Pulse
ICP
−4
A
Base current
IB
−1
A
Ta = 25°C
1
Collector power dissipation
Tc = 25°C
PC
15
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Note1: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-7J1A
Weight: 0.36 g (typ.)


Similar Part No. - 2SA2034

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA2034 TOSHIBA-2SA2034 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - 2SA2034

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
High-Voltage Switching Applications
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
High-Voltage Switching Applications
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
High-Voltage Switching Applications
logo
Toshiba Semiconductor
1SS403 TOSHIBA-1SS403_07 Datasheet
179Kb / 4P
High Voltage Switching Applications
2SA1972 TOSHIBA-2SA1972_07 Datasheet
150Kb / 4P
High-Voltage Switching Applications
logo
Guangdong Kexin Industr...
2SA1419 KEXIN-2SA1419 Datasheet
511Kb / 3P
High-Voltage Switching Applications
2SA1415 KEXIN-2SA1415 Datasheet
412Kb / 3P
High-Voltage Switching Applications
2SA1416 KEXIN-2SA1416 Datasheet
509Kb / 3P
High-Voltage Switching Applications
2SC4135 KEXIN-2SC4135 Datasheet
45Kb / 2P
High-Voltage Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com