Electronic Components Datasheet Search
  English  ▼

X  

2SA2034 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SA2034
Description  High-Voltage Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA2034 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SA2034 Datasheet HTML 1Page - Toshiba Semiconductor 2SA2034 Datasheet HTML 2Page - Toshiba Semiconductor 2SA2034 Datasheet HTML 3Page - Toshiba Semiconductor 2SA2034 Datasheet HTML 4Page - Toshiba Semiconductor 2SA2034 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA2034
2009-12-21
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current −IC (A)
VCE (sat) – IC
Base
−emitter voltage VBE (V)
IC – VBE
−24
0
0
−1.0
−0.8
−0.2
−4
−8
−16
−20
−0.4
−1.2
−6
IB = −2 mA
−10
Common emitter
Tc = 25℃
10
0.01
0.001
Tc = 100°C
−55
25
0.01
1
10
1
Common emitter
VCE = −5 V
−8
−4
−12
−55
25
Tc = 100°C
0
−1.6
−1.2
−0.4
−0.8
−2.0
0
−0.2
−0.4
−0.6
−1.2
−1.0
0.1
Common emitter
VCE = −5 V
−0.8
Collector current −IC (A)
VBE (sat) – IC
10
0.001
10
0.1
0.01
0.01
1
1
0.001
100
10
1000
0.01
10
hFE – IC
Collector current −IC (A)
−0.6
−12
1
0.1
Common emitter
IC/IB = 5
Tc = 100°C
−55
25
0.1
Common emitter
IC/IB = 5
Tc = 100°C
−55
25
1
0.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com