Electronic Components Datasheet Search
  English  ▼

X  

FX829 Datasheet(PDF) 5 Page - CML Microcircuits

Part # FX829
Description  Baseband Signal Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX829 Datasheet(HTML) 5 Page - CML Microcircuits

  FX829 Datasheet HTML 1Page - CML Microcircuits FX829 Datasheet HTML 2Page - CML Microcircuits FX829 Datasheet HTML 3Page - CML Microcircuits FX829 Datasheet HTML 4Page - CML Microcircuits FX829 Datasheet HTML 5Page - CML Microcircuits FX829 Datasheet HTML 6Page - CML Microcircuits FX829 Datasheet HTML 7Page - CML Microcircuits FX829 Datasheet HTML 8Page - CML Microcircuits FX829 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Baseband Signal Processor
FX829
© 1997 Consumer Microcircuits Limited
5
D/829/4
1.3
Signal List (continued)
Package
D2/D5
Signal
Description
Pin No.
Name
Type
9
CARDCAP
O/P
The carrier detect integrating capacitor.
10
VBIAS
O/P
A bias line for the internal circuitry, held at
½ VDD. This pin must be decoupled by a
capacitor mounted close to the device pins.
11
MIC
I/P
The ac coupled Tx audio input (external
amplification is required for use as a microphone
input).
12
Vss
Power
The negative supply rail (ground).
13
DEMODIN
I/P
The ac coupled inverting input to the Rx input
amplifier (AMP1).
14
DEMODFB
O/P
The output of the Rx input amplifier (AMP1) and
the input to the audio filter/limiter section.
15
FILTER OUT
O/P
Output of the audio filter/limiter section. In
powersave mode this output is connected to
VBIAS via a 500kΩ resistor.
16
FFSK/DTMFOUT
O/P
The 1200 or 2400 baud FFSK Tx output and the
DTMF encoder output. When enabled but not
transmitting FFSK or DTMF signals, or when in
powersave mode, this output is connected to
VBIAS via a 500kΩ resistor.
On power-up, this output can be any level: a
General Reset command is required to ensure
that this output attains VBIAS initially.
17
SUM IN
I/P
Input to the audio summing amplifier (AMP2).
18
SUM OUT
O/P
Output of the audio summing amplifier (AMP2).
19
MOD1 IN
I/P
Input to MOD1 audio gain control.
20
VOL IN
I/P
Input to the audio volume control.
21
AUDIO OUT
O/P
Output of the audio volume control.
22
MOD1
O/P
Output of MOD1 audio gain control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com