Electronic Components Datasheet Search
  English  ▼

X  

FX829 Datasheet(PDF) 1 Page - CML Microcircuits

Part # FX829
Description  Baseband Signal Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX829 Datasheet(HTML) 1 Page - CML Microcircuits

  FX829 Datasheet HTML 1Page - CML Microcircuits FX829 Datasheet HTML 2Page - CML Microcircuits FX829 Datasheet HTML 3Page - CML Microcircuits FX829 Datasheet HTML 4Page - CML Microcircuits FX829 Datasheet HTML 5Page - CML Microcircuits FX829 Datasheet HTML 6Page - CML Microcircuits FX829 Datasheet HTML 7Page - CML Microcircuits FX829 Datasheet HTML 8Page - CML Microcircuits FX829 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
CML Semiconductor Products
Baseband Signal Processor
FX829
© 1997 Consumer Microcircuits Limited
D/829/4 September 1997
1.0
Features
Provisional Issue
•• Rx Audio Processing
•• Multi-standard Modem Formats
•• Tx Audio Processing
•• ETS/MPT/PAA Standards Compatible
•• 1200/2400 Baud Modem
•• Low Voltage Operation
•• DTMF Encoder
•• 24-pin Small Form Package
1.1
Brief Description
The FX829 is a low voltage CMOS integrated circuit, designed to provide the baseband audio and
system signal-processing functions required for PAMR or PMR trunked radio applications. It operates
in half-duplex mode under serial-bus control of the host µC.
The FX829 incorporates a dual-rate 1200/2400bps FFSK modem, with a software-flexible choice of
synchronisation codewords, data run-length and CRC checking to suit a wide range of applications.
These features allow very flexible handling of non-prescribed data on traffic channels in addition to the
network signalling sent on control channels. A 16 character DTMF encoder is available in the transmit
mode. The two-point modulation output has software programmable level-adjustment.
The audio processing stages include transmit and receive filtering, to the standards specified for
12.5kHz and 25kHz PAMR/PMR channel operation, plus transmit deviation limiting and a
programmable Rx volume control. Power saving is automatic when audio functions are deselected.
The FX829 is designed for use in radios compatible with MPT1327, PAA1382 and ETS 300 086
trunking standards. Its features and flexibility ensure that it is equally suitable for use with modified or
proprietary standards.


Similar Part No. - FX829

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX826 CMLMICRO-FX826 Datasheet
430Kb / 13P
AMPS / TACS SYSTEM AUDIO PROCESSOR
FX826DW CMLMICRO-FX826DW Datasheet
430Kb / 13P
AMPS / TACS SYSTEM AUDIO PROCESSOR
FX826J CMLMICRO-FX826J Datasheet
430Kb / 13P
AMPS / TACS SYSTEM AUDIO PROCESSOR
FX828 CMLMICRO-FX828 Datasheet
833Kb / 34P
CTCSS/DCS/SELCALL Processor
FX828D2 CMLMICRO-FX828D2 Datasheet
833Kb / 34P
CTCSS/DCS/SELCALL Processor
More results

Similar Description - FX829

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
GP4020 ZARLINK-GP4020 Datasheet
207Kb / 17P
GPS Receiver Baseband Processor
logo
ATMEL Corporation
ATR0620 ATMEL-ATR0620 Datasheet
365Kb / 15P
GPS BASEBAND PROCESSOR
logo
Micronas
BSP3505D MICRONAS-BSP3505D Datasheet
267Kb / 40P
Baseband Sound Processor
logo
ATMEL Corporation
ATR0621 ATMEL-ATR0621 Datasheet
396Kb / 20P
GPS Baseband Processor
ATR0625 ATMEL-ATR0625 Datasheet
335Kb / 26P
GPS Baseband Processor SuperSense
ATR0622 ATMEL-ATR0622 Datasheet
410Kb / 26P
GPS Baseband Processor
ATR0622P1 ATMEL-ATR0622P1 Datasheet
266Kb / 11P
GPS Baseband Processor
ATR0621P1 ATMEL-ATR0621P1 Datasheet
346Kb / 14P
GPS Baseband Processor
ATR0622P ATMEL-ATR0622P_08 Datasheet
504Kb / 27P
GPS Baseband Processor
logo
CML Microcircuits
FX980 CMLMICRO-FX980 Datasheet
819Kb / 86P
TETRA Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com