Electronic Components Datasheet Search
  English  ▼

X  

FX829 Datasheet(PDF) 14 Page - CML Microcircuits

Part # FX829
Description  Baseband Signal Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX829 Datasheet(HTML) 14 Page - CML Microcircuits

Back Button FX829 Datasheet HTML 10Page - CML Microcircuits FX829 Datasheet HTML 11Page - CML Microcircuits FX829 Datasheet HTML 12Page - CML Microcircuits FX829 Datasheet HTML 13Page - CML Microcircuits FX829 Datasheet HTML 14Page - CML Microcircuits FX829 Datasheet HTML 15Page - CML Microcircuits FX829 Datasheet HTML 16Page - CML Microcircuits FX829 Datasheet HTML 17Page - CML Microcircuits FX829 Datasheet HTML 18Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Baseband Signal Processor
FX829
© 1997 Consumer Microcircuits Limited
14
D/829/4
AUDIO ATTENUATION Register (Hex Address $13)
The five least significant bits in this register are used to set the attenuation of the audio volume control
according to the table below:
4
3
2
1
0
Audio Attenuation
0
0
0
0
0
Off
0
0
0
0
1
48.0dB
0
0
0
1
0
46.4dB
0
0
0
1
1
44.8dB
0
0
1
0
0
43.2dB
0
0
1
0
1
41.6dB
0
0
1
1
0
40.0dB
0
0
1
1
1
38.4dB
0
1
0
0
0
36.8dB
0
1
0
0
1
35.2dB
0
1
0
1
0
33.6dB
0
1
0
1
1
32.0dB
0
1
1
0
0
30.4dB
0
1
1
0
1
28.8dB
0
1
1
1
0
27.2dB
0
1
1
1
1
25.6dB
1
0
0
0
0
24.0dB
1
0
0
0
1
22.4dB
1
0
0
1
0
20.8dB
1
0
0
1
1
19.2dB
1
0
1
0
0
17.6dB
1
0
1
0
1
16.0dB
1
0
1
1
0
14.4dB
1
0
1
1
1
12.8dB
1
1
0
0
0
11.2dB
1
1
0
0
1
9.6dB
1
1
0
1
0
8.0dB
1
1
0
1
1
6.4dB
1
1
1
0
0
4.8dB
1
1
1
0
1
3.2dB
1
1
1
1
0
1.6dB
1
1
1
1
1
0dB
Bits 5, 6 and 7 should always be set to "0".
CONTROL 3 / IRQ ENABLE Register (Hex address $40)
This register is a mixture of control bits and interrupt mask bits, as detailed below:
Bit 7
Not used, set to zero.
1200/2400
(Bit 6)
When this bit is "1", the FFSK Rx and Tx are set to operate at 1200 baud.
When this bit it "0", the FFSK Rx and Tx are set to operate at 2400 baud.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com