Electronic Components Datasheet Search
  English  ▼

X  

FX829D2 Datasheet(PDF) 4 Page - CML Microcircuits

Part # FX829D2
Description  Baseband Signal Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX829D2 Datasheet(HTML) 4 Page - CML Microcircuits

  FX829D2 Datasheet HTML 1Page - CML Microcircuits FX829D2 Datasheet HTML 2Page - CML Microcircuits FX829D2 Datasheet HTML 3Page - CML Microcircuits FX829D2 Datasheet HTML 4Page - CML Microcircuits FX829D2 Datasheet HTML 5Page - CML Microcircuits FX829D2 Datasheet HTML 6Page - CML Microcircuits FX829D2 Datasheet HTML 7Page - CML Microcircuits FX829D2 Datasheet HTML 8Page - CML Microcircuits FX829D2 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Baseband Signal Processor
FX829
© 1997 Consumer Microcircuits Limited
4
D/829/4
1.3
Signal List
Package
D2/D5
Signal
Description
Pin No.
Name
Type
1
XTALN
O/P
The inverted output of the on-chip oscillator.
2
XTAL/CLOCK
I/P
The input to the on-chip oscillator, for external
Xtal circuit or clock.
3
SERIAL CLOCK
I/P
The "C-BUS" serial clock input. This clock,
produced by the µController, is used for transfer
timing of commands and data to and from the
device. See "C-BUS" Timing Diagram.
4
COMMAND DATA
I/P
The "C-BUS" serial data input from the
µController. Data is loaded into this device in
8-bit bytes, MSB (B7) first, and LSB (B0) last,
synchronised to the SERIAL CLOCK. See
"C-BUS" Timing Diagram.
5
REPLY DATA
O/P
The "C-BUS" serial data output to the
µController. The transmission of REPLY DATA
bytes is synchronised to the SERIAL CLOCK
under the control of the CSN input. This 3-state
output is held at high impedance when not
sending data to the µController. See "C-BUS"
Timing Diagram.
6
CSN
I/P
The "C-BUS" data loading control function: this
input is provided by the µController. Data
transfer sequences are initiated, completed or
aborted by the CSN signal. See "C-BUS"
Timing Diagram.
7
IRQN
O/P
This output indicates an interrupt condition to
the µController by going to a logic "0". This is a
"wire-ORable" output, enabling the connection of
up to 8 peripherals to 1 interrupt port on the
µController. This pin has a low impedance
pulldown to logic "0" when active and a high-
impedance when inactive. An external pullup
resistor is required.
The conditions that cause interrupts are
indicated in the STATUS register and are
effective if not masked out by a corresponding
bit in the CONTROL register.
8
CARRIER DETECT
O/P
The carrier detect output for the FFSK Rx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com