Electronic Components Datasheet Search
  English  ▼

X  

FX829D2 Datasheet(PDF) 16 Page - CML Microcircuits

Part # FX829D2
Description  Baseband Signal Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX829D2 Datasheet(HTML) 16 Page - CML Microcircuits

Back Button FX829D2 Datasheet HTML 12Page - CML Microcircuits FX829D2 Datasheet HTML 13Page - CML Microcircuits FX829D2 Datasheet HTML 14Page - CML Microcircuits FX829D2 Datasheet HTML 15Page - CML Microcircuits FX829D2 Datasheet HTML 16Page - CML Microcircuits FX829D2 Datasheet HTML 17Page - CML Microcircuits FX829D2 Datasheet HTML 18Page - CML Microcircuits FX829D2 Datasheet HTML 19Page - CML Microcircuits FX829D2 Datasheet HTML 20Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Baseband Signal Processor
FX829
© 1997 Consumer Microcircuits Limited
16
D/829/4
MOD LEVELS Register (Hex address $12)
The six least significant bits of the first byte in this register are used to set the attenuation of the Modulator 1
amplifier and the five least significant bits of the second byte in this register are used to set the attenuation of
the Modulator 2 amplifier, according to the tables below:
5
4
3
2
1
0
Mod. 1 Attenuation
4
3
2
1
0
Mod. 2 Attenuation
0
X
X
X
X
X
Disabled (VBIAS)
1
0
0
0
0
0
>40dB
0
0
0
0
0
>40dB
1
0
0
0
0
1
12.0dB
0
0
0
0
1
6.0dB
1
0
0
0
1
0
11.6dB
0
0
0
1
0
5.8dB
1
0
0
0
1
1
11.2dB
0
0
0
1
1
5.6dB
1
0
0
1
0
0
10.8dB
0
0
1
0
0
5.4dB
1
0
0
1
0
1
10.4dB
0
0
1
0
1
5.2dB
1
0
0
1
1
0
10.0dB
0
0
1
1
0
5.0dB
1
0
0
1
1
1
9.6dB
0
0
1
1
1
4.8dB
1
0
1
0
0
0
9.2dB
0
1
0
0
0
4.6dB
1
0
1
0
0
1
8.8dB
0
1
0
0
1
4.4dB
1
0
1
0
1
0
8.4dB
0
1
0
1
0
4.2dB
1
0
1
0
1
1
8.0dB
0
1
0
1
1
4.0dB
1
0
1
1
0
0
7.6dB
0
1
1
0
0
3.8dB
1
0
1
1
0
1
7.2dB
0
1
1
0
1
3.6dB
1
0
1
1
1
0
6.8dB
0
1
1
1
0
3.4dB
1
0
1
1
1
1
6.4dB
0
1
1
1
1
3.2dB
1
1
0
0
0
0
6.0dB
1
0
0
0
0
3.0dB
1
1
0
0
0
1
5.6dB
1
0
0
0
1
2.8dB
1
1
0
0
1
0
5.2dB
1
0
0
1
0
2.6dB
1
1
0
0
1
1
4.8dB
1
0
0
1
1
2.4dB
1
1
0
1
0
0
4.4dB
1
0
1
0
0
2.2dB
1
1
0
1
0
1
4.0dB
1
0
1
0
1
2.0dB
1
1
0
1
1
0
3.6dB
1
0
1
1
0
1.8dB
1
1
0
1
1
1
3.2dB
1
0
1
1
1
1.6dB
1
1
1
0
0
0
2.8dB
1
1
0
0
0
1.4dB
1
1
1
0
0
1
2.4dB
1
1
0
0
1
1.2dB
1
1
1
0
1
0
2.0dB
1
1
0
1
0
1.0dB
1
1
1
0
1
1
1.6dB
1
1
0
1
1
0.8dB
1
1
1
1
0
0
1.2dB
1
1
1
0
0
0.6dB
1
1
1
1
0
1
0.8dB
1
1
1
0
1
0.4dB
1
1
1
1
1
0
0.4dB
1
1
1
1
0
0.2dB
1
1
1
1
1
1
0dB
1
1
1
1
1
0dB
X = don't care
MOD1 ENABLE
(Bit 5, first byte)
When this bit is "1" the MOD1 attenuator is enabled.
When this bit is "0" the MOD1 attenuator is disabled (i.e. powersaved).
Bits 6 and 7 in the first byte and bits 5, 6 and 7 in the second byte should always
be set to "0". MOD LEVELS (1) register is loaded first.
Note: The MOD2 attenuator is enabled by the AMP2 ENABLE signal (bit 6 of
CONTROL1 register).
RX SYNC WORD Register (Hex $44)
This is a two byte register that defines the 16-bit programmable synchronisation word. This word is compared
with the incoming Rx data and, if a match is found, it is indicated in the STATUS register and an interrupt is
generated. Bit 15, the MSB of the first byte, is loaded first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com