Electronic Components Datasheet Search
  English  ▼

X  

FX829D2 Datasheet(PDF) 9 Page - CML Microcircuits

Part # FX829D2
Description  Baseband Signal Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX829D2 Datasheet(HTML) 9 Page - CML Microcircuits

Back Button FX829D2 Datasheet HTML 5Page - CML Microcircuits FX829D2 Datasheet HTML 6Page - CML Microcircuits FX829D2 Datasheet HTML 7Page - CML Microcircuits FX829D2 Datasheet HTML 8Page - CML Microcircuits FX829D2 Datasheet HTML 9Page - CML Microcircuits FX829D2 Datasheet HTML 10Page - CML Microcircuits FX829D2 Datasheet HTML 11Page - CML Microcircuits FX829D2 Datasheet HTML 12Page - CML Microcircuits FX829D2 Datasheet HTML 13Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Baseband Signal Processor
FX829
© 1997 Consumer Microcircuits Limited
9
D/829/4
1.5.1
Software Description
Address/Commands
Instructions and data are transferred, via "C-BUS", in accordance with the timing information given in
Figure 11.
Instruction and data transactions to and from the FX829 consist of an Address/Command (A/C) byte
followed by either:
(i)
a further instruction or data (1 or 2 bytes) or
(ii)
a status or Rx data reply (1 byte)
8-bit Write Only Registers
HEX
ADDRESS/
COMMAND
REGISTER
NAME
BIT 7
(D7)
BIT 6
(D6)
BIT 5
(D5)
BIT 4
(D4)
BIT 3
(D3)
BIT 2
(D2)
BIT 1
(D1)
BIT 0
(D0)
$01
RESET
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
$10
CONTROL 1
AMP1
AMP2
AUDIO
FFSKRX
FFSKTX
UK/F
MIC
B/W
$11
CONTROL 2
CHKSUM
DTMFEN
DTMFHI
DTMFLO
DTMF3
DTMF2
DTMF1
DTMF0
$13
AUDIO
<-------------------------- GAIN -------------------------->
ATTENUATION
0
0
0
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
$40
CONTROL 3/
IRQ ENABLE
0
1200/2400
TXIDLEM RXDATAM TXDATAM
RX SYNC
WORD
PRIME
SYNT
PRIME
SYNC
PRIME
$43
TXDATA
<----------------------------------------------- TXDATA ----------------------------------------------->
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
16-bit Write Only Registers
HEX
ADDRESS/
COMMAND
REGISTER
NAME
BIT 7
(D7)
BIT 6
(D6)
BIT 5
(D5)
BIT 4
(D4)
BIT 3
(D3)
BIT 2
(D2)
BIT 1
(D1)
BIT 0
(D0)
$12
MOD LEVELS
MOD 1
<-------------------------- MOD 1 -------------------------->
(1)
0
0
ENABLE
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
<-------------------------- MOD 2 -------------------------->
(2)
0
0
0
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
$44
RX SYNC
<------------------------------------------- RX SYNC WORD ----------------------------------------->
WORD (1)
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
<------------------------------------------- RX SYNC WORD ----------------------------------------->
(2)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Write Only Register Description
RESET Register (Hex address $01)
The reset command has no data attached to it. It sets the device registers into the specific states as listed
below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com