Electronic Components Datasheet Search
  English  ▼

X  

FX839D2 Datasheet(PDF) 5 Page - CML Microcircuits

Part # FX839D2
Description  Analogue Control Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX839D2 Datasheet(HTML) 5 Page - CML Microcircuits

  FX839D2 Datasheet HTML 1Page - CML Microcircuits FX839D2 Datasheet HTML 2Page - CML Microcircuits FX839D2 Datasheet HTML 3Page - CML Microcircuits FX839D2 Datasheet HTML 4Page - CML Microcircuits FX839D2 Datasheet HTML 5Page - CML Microcircuits FX839D2 Datasheet HTML 6Page - CML Microcircuits FX839D2 Datasheet HTML 7Page - CML Microcircuits FX839D2 Datasheet HTML 8Page - CML Microcircuits FX839D2 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Analogue Control Interface
FX839
© 1997 Consumer Microcircuits Limited
5
D/839/4
1.3
Signal List (continued)
Package
P4/D2/D5
Signal
Description
Pin No.
Name
Type
10
ADCIN3
I/P
Analogue to digital converter input 3 (ADC3)
11
ADCIN4
I/P
Analogue to digital converter input 4 (ADC4)
12
VSS
POWER
The negative supply rail (ground) for both analogue and
digital supplies.
13
VBIAS
O/P
An analogue bias line for the internal circuitry, held at ½
AVDD. This pin must be decoupled by a capacitor mounted
close to the device pins.
14
N/C
No internal connection. Do not make any connection to
this pin.
15
DACOUT1
O/P
Digital to analogue converter No. 1 output (DAC1)
16
DACOUT2
O/P
Digital to analogue converter No. 2 output (DAC2)
17
DACOUT3
O/P
Digital to analogue converter No. 3 output (DAC3)
18
N/C
No internal connection. Do not make any connection to
this pin.
19
AVDD
POWER
The positive analogue supply rail. Analogue levels and
voltages are dependent upon this supply. This pin should
be decoupled to VSS by a capacitor.
20
MOD1 IN
I/P
Input to MOD1 variable attenuator.
21
MOD2 IN
I/P
Input to MOD2 variable attenuator.
22
MOD1
O/P
Output of MOD1 variable attenuator.
23
MOD2
O/P
Output of MOD2 variable attenuator.
24
DVDD
POWER
The positive digital supply rail. Digital levels and voltages
are dependent upon this supply. This pin should be
decoupled to VSS by a capacitor.
Notes:
I/P
=
Input
O/P
=
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com