Electronic Components Datasheet Search
  English  ▼

X  

FX839D2 Datasheet(PDF) 10 Page - CML Microcircuits

Part # FX839D2
Description  Analogue Control Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX839D2 Datasheet(HTML) 10 Page - CML Microcircuits

Back Button FX839D2 Datasheet HTML 6Page - CML Microcircuits FX839D2 Datasheet HTML 7Page - CML Microcircuits FX839D2 Datasheet HTML 8Page - CML Microcircuits FX839D2 Datasheet HTML 9Page - CML Microcircuits FX839D2 Datasheet HTML 10Page - CML Microcircuits FX839D2 Datasheet HTML 11Page - CML Microcircuits FX839D2 Datasheet HTML 12Page - CML Microcircuits FX839D2 Datasheet HTML 13Page - CML Microcircuits FX839D2 Datasheet HTML 14Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Analogue Control Interface
FX839
© 1997 Consumer Microcircuits Limited
10
D/839/4
Read Only Registers (8-Bit and 16-Bit)
HEX
ADDRESS/
COMMAND
REGISTER
NAME
BIT 7
(D7)
BIT 6
(D6)
BIT 5
(D5)
BIT 4
(D4)
BIT 3
(D3)
BIT 2
(D2)
BIT 1
(D1)
BIT 0
(D0)
$D1
IRQ
FLAGS
HIRQF4
LIRQF4
HIRQF3
LIRQF3
HIRQF2
LIRQF2
HIRQF1
LIRQF1
$DC
ADC DATA1
(1)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(2)
000000
BIT 9
BIT 8
$DD
ADC DATA2
(1)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(2)
000000
BIT 9
BIT 8
$DE
ADC DATA3
(1)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(2)
000000
BIT 9
BIT 8
$DF
ADC DATA4
(1)
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(2)
000000
BIT 9
BIT 8
Write Only Register Description
RESET Register (Hex Address $01)
The reset command has no data attached to it. It sets the device registers into the specific states listed below:
REGISTER NAME
BIT 7
(D7)
BIT 6
(D6)
BIT 5
(D5)
BIT 4
(D4)
BIT 3
(D3)
BIT 2
(D2)
BIT 1
(D1)
BIT 0
(D0)
CLOCK/IRQ CONTROL
000000
00
DAC CONTROL
000000
00
DAC1 DATA1
000000
00
DAC2 DATA1
000000
00
DAC3 DATA1
000000
00
ADC CONTROL
000000
00
VARIABLE ATTENUATOR
(1)
000000
00
(2)
000000
00
MAG COMP ONE LEVELS
(1)
000000
00
(2)
000000
00
MAG COMP TWO LEVELS
(1)
000000
00
(2)
000000
00
MAG COMP THREE LEVELS
(1)
000000
00
(2)
000000
00
MAG COMP FOUR LEVELS
(1)
000000
00
(2)
000000
00
Note 1:
Default resolution is defined as 8-Bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com