Electronic Components Datasheet Search
  English  ▼

X  

FX839D2 Datasheet(PDF) 1 Page - CML Microcircuits

Part # FX839D2
Description  Analogue Control Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX839D2 Datasheet(HTML) 1 Page - CML Microcircuits

  FX839D2 Datasheet HTML 1Page - CML Microcircuits FX839D2 Datasheet HTML 2Page - CML Microcircuits FX839D2 Datasheet HTML 3Page - CML Microcircuits FX839D2 Datasheet HTML 4Page - CML Microcircuits FX839D2 Datasheet HTML 5Page - CML Microcircuits FX839D2 Datasheet HTML 6Page - CML Microcircuits FX839D2 Datasheet HTML 7Page - CML Microcircuits FX839D2 Datasheet HTML 8Page - CML Microcircuits FX839D2 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
CML Semiconductor Products
Analogue Control Interface
FX839
© 1997 Consumer Microcircuits Limited
D/839/4 September 1997
1.0
Features
Advance Information
• Three DACs
8 or 10-Bit Resolution
• Multiplexed 4 Input ADC
10-Bit Resolution
• Custom IRQ Generator with Variable
8-Bit Reference Settings
• Scalable ADC Clock Frequencies
from Xtal/Clock
• Two Variable Attenuators
• Serial Interface to Host µC
• Low Power (3.0V Operation)
• 24-Pin SSOP Package
1.1
Brief Description
This product comprises a selection of independent functional blocks vital to modern microcomputer controlled
radio-frequency communications equipment. Examples of possible uses are as follows:
•
The four-way multiplexed ADC with magnitude comparator may be used for monitoring RSSI, battery
voltage, temperatures, reflected signals or error voltages.
•
The three DACs may be used to adjust VCOs, reference oscillators, power output, bias current or IF gain.
•
The two variable attenuators may be used to adjust deviation, modulation depth or baseband gain.
The FX839 is controlled via the standard serial 'C-BUS'. This is complementary to, and compatible with, many
standard microcomputers and other baseband processing blocks.


Similar Part No. - FX839D2

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX836 CMLMICRO-FX836 Datasheet
370Kb / 12P
RADIOCOM 2000 SYSTEM AUDIO PROCESSOR
FX836DW CMLMICRO-FX836DW Datasheet
370Kb / 12P
RADIOCOM 2000 SYSTEM AUDIO PROCESSOR
FX836J CMLMICRO-FX836J Datasheet
370Kb / 12P
RADIOCOM 2000 SYSTEM AUDIO PROCESSOR
More results

Similar Description - FX839D2

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
526168 FESTO-526168 Datasheet
90Kb / 2P
Analogue module
526170 FESTO-526170 Datasheet
92Kb / 2P
Analogue module
541484 FESTO-541484 Datasheet
88Kb / 1P
Analogue module
541486 FESTO-541486 Datasheet
89Kb / 2P
Analogue module
553594 FESTO-553594 Datasheet
89Kb / 2P
Analogue module
560361 FESTO-560361 Datasheet
90Kb / 2P
Analogue module
560362 FESTO-560362 Datasheet
112Kb / 2P
Analogue module
573710 FESTO-573710 Datasheet
89Kb / 2P
Analogue module
logo
Pepperl+Fuchs Inc.
IC-KP2-2HB6-V15B PF-IC-KP2-2HB6-V15B Datasheet
776Kb / 4P
Control interface unit
IC-KP-B6-V15B PF-IC-KP-B6-V15B Datasheet
808Kb / 3P
Control interface unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com