Electronic Components Datasheet Search
  English  ▼

X  

FX929AD2 Datasheet(PDF) 16 Page - CML Microcircuits

Part # FX929AD2
Description  4-Level FSK Modem Data Pump
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX929AD2 Datasheet(HTML) 16 Page - CML Microcircuits

Back Button FX929AD2 Datasheet HTML 12Page - CML Microcircuits FX929AD2 Datasheet HTML 13Page - CML Microcircuits FX929AD2 Datasheet HTML 14Page - CML Microcircuits FX929AD2 Datasheet HTML 15Page - CML Microcircuits FX929AD2 Datasheet HTML 16Page - CML Microcircuits FX929AD2 Datasheet HTML 17Page - CML Microcircuits FX929AD2 Datasheet HTML 18Page - CML Microcircuits FX929AD2 Datasheet HTML 19Page - CML Microcircuits FX929AD2 Datasheet HTML 20Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
4-Level FSK Modem Data Pump
FX929A
© 1996 Consumer Microcircuits Limited
16
D/929A/4
When the modem is in receive mode, the µC should wait until the BFREE bit of the Status Register is '1', then
write the desired task to the Command Register.
Once the byte containing the desired task has been written to the Command Register, the modem will:
Set the BFREE bit of the Status Register to '0'.
Wait until enough received symbols are in the De-interleave Buffer.
Decode them as needed, and transfer the resulting binary data to the Data Block Buffer
Then the modem will set the BFREE and IRQ bits of the Status Register to '1', (causing the IRQN
output to go low if the IRQNEN bit of the Mode Register has been set to '1') to tell the µC that it may
read from the Data Block Buffer and write the next task to the modem. If more than 1 byte is contained
in the buffer, byte number 0 of the data will be read out first.
In this way the µC can read data and write a new task to the modem while the received symbols needed for this
new task are being received and stored in the De-interleave Buffer.
BFREE bit of Status Register
for task 1
for task 2
RXIN signal
Task 1
Task 2
Task 1 data
Data from Block Buffer to µC
Task from µC to Command Register
IRQN o/p (IRQNEN = '1')
IRQ bit of Status Register
Figure 9 Receive Task Overlapping
Detailed timings for the various tasks are given in Figures 10 and 11.
FX929A Modem Tasks:
B2
B1
B0
Receive Mode
Transmit Mode
0
0
0
NULL
NULL
0
0
1
SFP
Search for Frame Preamble
T24S
Transmit 24 symbols
0
1
0
RHB
Read Header Block
THB
Transmit Header Block
0
1
1
RILB
Read Intermediate or Last
Block
TIB
Transmit Intermediate Block
1
0
0
SFS
Search for Frame Sync
TLB
Transmit Last Block
1
0
1
R4S
Read 4 symbols
T4S
Transmit 4 symbols
1
1
0
RSID
Read Station ID
TSID
Transmit Station ID
1
1
1
RESET
Cancel any current action
RESET
Cancel any current action
NULL: No effect
This task is provided so that a AQSC or AQLEV command can be initiated without loading a new task.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com