Electronic Components Datasheet Search
  English  ▼

X  

FX929AD2 Datasheet(PDF) 24 Page - CML Microcircuits

Part # FX929AD2
Description  4-Level FSK Modem Data Pump
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX929AD2 Datasheet(HTML) 24 Page - CML Microcircuits

Back Button FX929AD2 Datasheet HTML 20Page - CML Microcircuits FX929AD2 Datasheet HTML 21Page - CML Microcircuits FX929AD2 Datasheet HTML 22Page - CML Microcircuits FX929AD2 Datasheet HTML 23Page - CML Microcircuits FX929AD2 Datasheet HTML 24Page - CML Microcircuits FX929AD2 Datasheet HTML 25Page - CML Microcircuits FX929AD2 Datasheet HTML 26Page - CML Microcircuits FX929AD2 Datasheet HTML 27Page - CML Microcircuits FX929AD2 Datasheet HTML 28Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
4-Level FSK Modem Data Pump
FX929A
© 1996 Consumer Microcircuits Limited
24
D/929A/4
Mode Register B7: IRQNEN - IRQN Output Enable
When this bit is set to '1', the IRQN chip output pin is pulled low (to Vss) whenever the IRQ bit of the Status
Register is a '1'.
Mode Register B6: INVSYM - Invert Symbols
This bit controls the polarity of the transmitted and received symbol voltages.
B6
Symbol
Signal at TXOP
Signal at RXFB
0
'+3'
Above VBIAS
Below VBIAS
'-3'
Below VBIAS
Above VBIAS
1
'+3'
Below VBIAS
Above VBIAS
'-3'
Above VBIAS
Below VBIAS
Mode Register B5: TXRXN - Tx/Rx Mode
Setting this bit to '1' puts the modem into Transmit mode, clearing it to '0' puts the modem into Receive mode.
Note that changing between receive and transmit modes will cancel any current task.
Mode Register B4: RXEYE - Show Rx Eye
This bit should normally be set to '0'.
Setting it to '1' when the modem is in receive mode configures the modem into a special test mode, in which the
input of the Tx o/p buffer is connected to the Rx Symbol/Clock extraction circuit at a point which carries the
equalised receive signal. This may be monitored with an oscilloscope (at the TXOP pin itself), to assess the
quality of the complete radio channel including the Tx and Rx modem filters, the Tx modulator and the Rx IF
filters and FM demodulator.
The resulting eye diagram (for reasonably random data) should ideally be as shown in Figure 13, with 4 'crisp'
and equally spaced crossing points.
Figure 13 Ideal 'RXEYE' Signal
Mode Register B3: PSAVE - Powersave
When this bit is a '1', the modem will be in a 'powersave' mode in which the internal filters, the Rx Symbol and
Clock extraction circuits and the Tx o/p buffer will be disabled, and the TxOp pin will be connected to Vbias
through a high value resistance.
The Xtal Clock oscillator, Rx i/p amplifier and the µC interface logic will
continue to operate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com