Electronic Components Datasheet Search
  English  ▼

X  

AH1802 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AH1802
Description  MICROPOWER, ULTRA-SENSITIVE OMNIPOLAR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1802 Datasheet(HTML) 5 Page - Diodes Incorporated

  AH1802 Datasheet HTML 1Page - Diodes Incorporated AH1802 Datasheet HTML 2Page - Diodes Incorporated AH1802 Datasheet HTML 3Page - Diodes Incorporated AH1802 Datasheet HTML 4Page - Diodes Incorporated AH1802 Datasheet HTML 5Page - Diodes Incorporated AH1802 Datasheet HTML 6Page - Diodes Incorporated AH1802 Datasheet HTML 7Page - Diodes Incorporated AH1802 Datasheet HTML 8Page - Diodes Incorporated AH1802 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AH1802
MICROPOWER, ULTRA-SENSITIVE OMNIPOLAR
HALL-EFFECT SENSOR SWITCH
AH1802
Document number: 31170 Rev. 8 - 2
5 of 11
www.diodes.com
December 2010
© Diodes Incorporated
Performance Characteristics
TA (°C)
25
50
60
70
80
85
90
100
110
120
130
140
150
PD (mW)
230
184
166
147
129
120
110
92
74
55
37
18
0
P o we r Dis s i p a tio n C u rv e
0
10 0
20 0
30 0
0
2 5
50
7 5
100
12 5
15 0
T A (
o C)
P D (m W )
85
-4 0
Ordering Information
Device
Package
Code
Packaging
(Note 6 & 7)
7” Tape and Reel
Quantity
Part Number Suffix
AH1802-WG-7
W
SC59
3000/Tape & Reel
-7
AH1802-SNG-7
SN
DFN2020-6
3000/Tape & Reel
-7
AH1802-FJG-7
FJ
DFN2020-3
3000/Tape & Reel
-7
AH1802-FJG-7-01 (Note 8)
FJ
DFN2020-3
3000/Tape & Reel
-7
AH1802-FY4G-7
FY4
DFN2015H4-3
3000/Tape & Reel
-7
Notes:
6. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
7. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
8. AH1802-FJG-7-01 DFN2020-3 package taping orientation is rotated by 180
o compared to standard part AH1802-FJG-7.
See package orientation diagrams on page 10.
AH 1802 - XXX G – 7 - 01
Packing
Green
W : SC59
SN : DFN2020-6
7 : Tape & Reel
G : Green
Package
FJ : DFN2020-3
FY4 : DFN2015H4-3
Taping orientation
01: 180
o rotation
Note 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com