Electronic Components Datasheet Search
  English  ▼

X  

AH1802 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH1802
Description  MICROPOWER, ULTRA-SENSITIVE OMNIPOLAR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1802 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH1802 Datasheet HTML 1Page - Diodes Incorporated AH1802 Datasheet HTML 2Page - Diodes Incorporated AH1802 Datasheet HTML 3Page - Diodes Incorporated AH1802 Datasheet HTML 4Page - Diodes Incorporated AH1802 Datasheet HTML 5Page - Diodes Incorporated AH1802 Datasheet HTML 6Page - Diodes Incorporated AH1802 Datasheet HTML 7Page - Diodes Incorporated AH1802 Datasheet HTML 8Page - Diodes Incorporated AH1802 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AH1802
MICROPOWER, ULTRA-SENSITIVE OMNIPOLAR
HALL-EFFECT SENSOR SWITCH
AH1802
Document number: 31170 Rev. 8 - 2
4 of 11
www.diodes.com
December 2010
© Diodes Incorporated
Magnetic Characteristics (TA = 25°C, Vdd = 3V, Note 4 & 5)
(1mT=10 Gauss)
Symbol
Characteristic
Min
Typ.
Max
Unit
Bops(south pole to brand side)
Operate Point
20
28
40
Gauss
Bopn(north pole to brand side)
-40
-28
-20
Brps(south pole to brand side)
Release Point
10
20
-
Brpn(north pole to brand side)
-
-20
-10
Bhy(
Brpx
Bopx
−
)
Hysteresis
5
8
-
Notes:
4. Typical data is at TA = 25°C, Vdd = 3V, and for design information only.
5. The magnetic characteristics may vary with supply voltage, operating temperature and after soldering.
Bhy
Vsat
Vcc
Bopn
Brpn
0
( Magnetic flux density B )
Output
Turn on
Turn off
( off-state )
( on-state )
Bhy
Vsat
Vcc
Brps
Bops
0
( Magnetic flux density B )
Output
Turn off
Turn on
( off-state )
( on-state )



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com