Electronic Components Datasheet Search
  English  ▼

X  

AH1802 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH1802
Description  MICROPOWER, ULTRA-SENSITIVE OMNIPOLAR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1802 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH1802 Datasheet HTML 1Page - Diodes Incorporated AH1802 Datasheet HTML 2Page - Diodes Incorporated AH1802 Datasheet HTML 3Page - Diodes Incorporated AH1802 Datasheet HTML 4Page - Diodes Incorporated AH1802 Datasheet HTML 5Page - Diodes Incorporated AH1802 Datasheet HTML 6Page - Diodes Incorporated AH1802 Datasheet HTML 7Page - Diodes Incorporated AH1802 Datasheet HTML 8Page - Diodes Incorporated AH1802 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AH1802
MICROPOWER, ULTRA-SENSITIVE OMNIPOLAR
HALL-EFFECT SENSOR SWITCH
AH1802
Document number: 31170 Rev. 8 - 2
1 of 11
www.diodes.com
December 2010
© Diodes Incorporated
Description
The AH1802 is a ultra-sensitivity, micropower Omnipolar Hall
Effect switch IC designed for portable and battery powered
equipment such as cellular phones, PDA’s and portable
PC’s.
Based on two sensitive Hall Effect plates and
a chopper
stabilized
architecture the AH1802 provides
a reliable solution over the whole operating range. To support
portable and battery powered equipment the design has been
optimized to operate over the supply range of 2.5V to 5.5V
and consumes only 24uW with a supply of 3V.
The single open drain output can switched on with either a
north or south pole of sufficient strength. When the magnetic
flux density (B) is larger than operate point (Bop) the output is
switched on (pulled low). The output is turned off when
B becomes lower than the release point (Brp). The output will
remain off when there is no magnetic field.
Pin Assignments
1. Vdd
GND 3.
2. Output
(Top View)
SC59
1. Vdd
2. NC
3. Output
4. NC
6. NC
5. GND
(Top View)
DFN2020-6
1. Vdd
3. Output
3. GND
(Top View)
DFN2020-3
1. Vdd
2. Output
3. GND
(Top View)
DFN2015H4-3
Features
•
Omni-polar (north or south pole) operation
•
High sensitivity
•
Single open drain output
•
Micropower operation
•
2.5V to 5.5V operating range
•
Chopper stabilized design provides
•
Superior temperature stability
•
Minimal switch point drift
•
Enhanced immunity to stress
•
Good RF noise immunity
•
-40
°C to 85°C operating temperature
•
ESD>5kV for DFN2020-6, DFN2020-3 and
DFN2015H4-3
ESD>6kV for SC59
•
Low profile SC59, DFN2020-6, DFN2020-3 and
DFN2015H4-3 packages
•
“Green” Molding Compound (Note 1)
Applications
•
Cover switch in clam-shell or slide type cellular phones
•
Display switch for portable PCs
•
On/Off switch for PDAs and digital cameras
•
Contact-less switch in consumer products
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.


Similar Part No. - AH1802

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1802 DIODES-AH1802 Datasheet
106Kb / 7P
MICROPOWER, ULTRA-SENSITIVE OMNIPOLAR HALL-EFFECT SENSOR SWITCH
AH1802 Rev. 2
More results

Similar Description - AH1802

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1802 DIODES-AH1802 Datasheet
106Kb / 7P
MICROPOWER, ULTRA-SENSITIVE OMNIPOLAR HALL-EFFECT SENSOR SWITCH
AH1802 Rev. 2
AH1803 DIODES-AH1803 Datasheet
131Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 1
AH1801 DIODES-AH1801_09 Datasheet
157Kb / 10P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1801 Rev. 7
AH1803 DIODES-AH1803_09 Datasheet
167Kb / 9P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 9
AH1883 DIODES-AH1883_10 Datasheet
182Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31296 Rev. 5 - 2
AH1884 DIODES-AH1884_10 Datasheet
159Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31171 Rev. 6 - 2
AH1885 DIODES-AH1885_10 Datasheet
158Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31235 Rev. 4 - 2
AH1886 DIODES-AH1886 Datasheet
170Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31216 Rev. 4 - 2
AH1887 DIODES-AH1887 Datasheet
179Kb / 7P
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31313 Rev. 4 - 2
logo
Asahi Kasei Microsystem...
AK8789 AKM-AK8789 Datasheet
300Kb / 5P
High sensitive omnipolar operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com