Electronic Components Datasheet Search
  English  ▼

X  

LA7583 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LA7583
Description  IF Signal Processing Circuit (A2C PLL VIF SIF) for TVs and VCRs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7583 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LA7583 Datasheet HTML 5Page - Sanyo Semicon Device LA7583 Datasheet HTML 6Page - Sanyo Semicon Device LA7583 Datasheet HTML 7Page - Sanyo Semicon Device LA7583 Datasheet HTML 8Page - Sanyo Semicon Device LA7583 Datasheet HTML 9Page - Sanyo Semicon Device LA7583 Datasheet HTML 10Page - Sanyo Semicon Device LA7583 Datasheet HTML 11Page - Sanyo Semicon Device LA7583 Datasheet HTML 12Page - Sanyo Semicon Device LA7583 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Continued from preceding page.
Pin
No.
Symbol
Circuit Configuration
Description
10
VCOR
Pin 10 is the pin for connecting the resistor
that determines the impedance of the
oscillation point of the oscillating circuit by
the ceramic oscillator. Oscillation frequency
variations can be reduced by connecting a
resistor with a tolerance of 1% between pin
10 and pin 12.
11
AFT OUTPUT
Pin 11 is the AFT output pin. This pin
determines the gain (control sensitivity:
β
(kHz/mV)) according to the R1 and R2
bleeder resistance values.
β is decreased in
weak electric fields by AGC voltage in order
to reduce malfunction of AFT. R1 and R2
must be 200 k
Ω or less.
AFT curve for medium/
strong electric fields
AFT curve for weak
electric fields
12
VCO2
Pin 12 is the ceramic oscillator (VCO2) pin.
A series resonance-type oscillator is used to
oscillate 1/8 of the IF signal.
Japan = 58.75 MHz
× 1/8
U.S. = 45.75 MHz
× 1/8
Continued on next page.
LA7583
No.5177-9/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com