Electronic Components Datasheet Search
  English  ▼

X  

LA7583 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LA7583
Description  IF Signal Processing Circuit (A2C PLL VIF SIF) for TVs and VCRs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7583 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LA7583 Datasheet HTML 6Page - Sanyo Semicon Device LA7583 Datasheet HTML 7Page - Sanyo Semicon Device LA7583 Datasheet HTML 8Page - Sanyo Semicon Device LA7583 Datasheet HTML 9Page - Sanyo Semicon Device LA7583 Datasheet HTML 10Page - Sanyo Semicon Device LA7583 Datasheet HTML 11Page - Sanyo Semicon Device LA7583 Datasheet HTML 12Page - Sanyo Semicon Device LA7583 Datasheet HTML 13Page - Sanyo Semicon Device LA7583 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Continued from preceding page.
Pin
No.
Symbol
Circuit Configuration
Description
13
14
VCO COIL
Pins 13 and 14 are the VCO tank circuit.
VCO coil recommended
.
Japan
1.2 µH
.
U.S.
1.8 µH
Make the circuit pattern between the IC and
the coil as short as possible.
15
VIDEO OUTPUT
Pin 15 is the SIF carrier (4.5 MHz)-contained
video output pin. The level of the video
output is approximately 1.5 Vp-p.
16
APC1 FILTER
Pin 16 is the APC1 filter pin. The filter
smoothes the output after comparing the
phase of the IF signal with that of VCO1 in
APC1.
C1 = 0.47 µF
R1 = 330 to 560Ω
C2 = 470 pF
Continued on next page.
LA7583
No.5177-10/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com