Electronic Components Datasheet Search
  English  ▼

X  

LA7583 Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LA7583
Description  IF Signal Processing Circuit (A2C PLL VIF SIF) for TVs and VCRs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7583 Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LA7583 Datasheet HTML 7Page - Sanyo Semicon Device LA7583 Datasheet HTML 8Page - Sanyo Semicon Device LA7583 Datasheet HTML 9Page - Sanyo Semicon Device LA7583 Datasheet HTML 10Page - Sanyo Semicon Device LA7583 Datasheet HTML 11Page - Sanyo Semicon Device LA7583 Datasheet HTML 12Page - Sanyo Semicon Device LA7583 Datasheet HTML 13Page - Sanyo Semicon Device LA7583 Datasheet HTML 14Page - Sanyo Semicon Device LA7583 Datasheet HTML 15Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Continued from preceding page.
Pin
No.
Symbol
Circuit Configuration
Description
17
EQUALIZER INPUT
Pin 17 is the equalizer amplifier input pin. A
signal which has passed through a 4.5 MHz
trap is input through pin 17 and is output
through pin 19.
.
The input level of pin 17 is 1.5 Vp-p. This
is amplified 3 dB to 2 Vp-p by the
equalizer amplifier.
18
EQUALIZER FILTER
Pin 18 is the equalizer pin. The equalizer
amplifier is of the voltage follower type with
a voltage gain of 3 dB. To correct the
frequency characteristics, connect LCR
externally.
The operating characteristics are as follows:
Av =
Ve
Vi
=1+
R1
Z
(times)
19
EQUALIZER
OUTPUT
Pin 19 is the equalizer amplifier output pin.
This output has a built-in low-impedance
drive circuit.
Continued on next page.
LA7583
No.5177-11/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com