Electronic Components Datasheet Search
  English  ▼

X  

AP1122 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP1122
Description  1A LOW DROPOUT POSITIVE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1122 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP1122_10 Datasheet HTML 1Page - Diodes Incorporated AP1122_10 Datasheet HTML 2Page - Diodes Incorporated AP1122_10 Datasheet HTML 3Page - Diodes Incorporated AP1122_10 Datasheet HTML 4Page - Diodes Incorporated AP1122_10 Datasheet HTML 5Page - Diodes Incorporated AP1122_10 Datasheet HTML 6Page - Diodes Incorporated AP1122_10 Datasheet HTML 7Page - Diodes Incorporated AP1122_10 Datasheet HTML 8Page - Diodes Incorporated AP1122_10 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AP1122
1A LOW DROPOUT POSITIVE REGULATOR
AP1122
Document number: DS31012 Rev. 9 - 2
5 of 11
www.diodes.com
May 2010
© Diodes Incorporated
Ordering Information
E : SOT223-3L
D : TO252-3L
Y : SOT89-3L
Package
L : Lead Free (Note 7)
AP 1122 X X - X
Lead Free
Packing
U : Tube
13 : Tape & Reel
G : Green
K : TO263-3L
T : TO220-3L
Device
Package
Code
Packaging
(Note 8)
Tube
13” Tape and Reel
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP1122EL-13
E
SOT223-3L
NA
NA
2500/Tape & Reel
-13
AP1122EG-13
E
SOT223-3L
NA
NA
2500/Tape & Reel
-13
AP1122DL-13
D
TO252-3L
NA
NA
2500/Tape & Reel
-13
AP1122DG-13
D
TO252-3L
NA
NA
2500/Tape & Reel
-13
AP1122YL-13
Y
SOT89-3L
NA
NA
2500/Tape & Reel
-13
AP1122YG-13
Y
SOT89-3L
NA
NA
2500/Tape & Reel
-13
AP1122KL-13
K
TO263-3L
NA
NA
800/Tape & Reel
-13
AP1122TL-U
T
TO220-3L
50
-U
NA
NA
Notes:
7. TO263-3L and TO220-3L are available in “Lead Free” products only.
8. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com