Electronic Components Datasheet Search
  English  ▼

X  

AP1122 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1122
Description  1A LOW DROPOUT POSITIVE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1122 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1122_10 Datasheet HTML 1Page - Diodes Incorporated AP1122_10 Datasheet HTML 2Page - Diodes Incorporated AP1122_10 Datasheet HTML 3Page - Diodes Incorporated AP1122_10 Datasheet HTML 4Page - Diodes Incorporated AP1122_10 Datasheet HTML 5Page - Diodes Incorporated AP1122_10 Datasheet HTML 6Page - Diodes Incorporated AP1122_10 Datasheet HTML 7Page - Diodes Incorporated AP1122_10 Datasheet HTML 8Page - Diodes Incorporated AP1122_10 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AP1122
1A LOW DROPOUT POSITIVE REGULATOR
AP1122
Document number: DS31012 Rev. 9 - 2
1 of 11
www.diodes.com
May 2010
© Diodes Incorporated
Description
AP1122 is a low dropout positive fixed-mode regulator with
1A output current capability. The product is specifically
designed to provide well-regulated supply for low voltage IC
applications such as high-speed bus termination and low
current 1.2V logic supply. AP1122 is also well suited for other
applications such as VGA cards. AP1122 is guaranteed to
have lower than 1.3V dropout at full load current making it
ideal to provide well-regulated outputs of 1.2 output voltage
with 2.5V input voltage supply.
Applications
•
PC peripheral
•
Communication
Features
•
1.3V maximum dropout at full load current
•
Fixed 1.2V± 2% output voltage
•
Fast transient response
•
Output current limiting
•
Built-in thermal shutdown
•
Good noise rejection
•
Packages: SOT223-3L, TO252-3L, SOT89-3L, TO263-3L
and TO220-3L
•
SOT89-3L, SOT223-3L and TO252-3L: Available in
“Green” Molding Compound (No Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
Pin Assignments
VOUT
GND
Tab is VOUT
(Top View)
3
2
1
VIN
SOT223-3L
3
2
1
VIN
VOUT
GND
Tab is VOUT
(Top View)
TO252-3L/ TO263-3L
GND
VOUT
VIN
1
3
2
Tab is VOUT
(Top View)
SOT89-3L
Tab is VOUT
3
VIN
2
1
VOUT
GND
( Top View)
TO220-3L
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.


Similar Part No. - AP1122_10

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1122D ANACHIP-AP1122D Datasheet
191Kb / 10P
1A Low Dropout Positive Regulator
Rev.1.0 Oct 21, 2004
logo
Diodes Incorporated
AP1122D DIODES-AP1122D Datasheet
192Kb / 9P
1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
logo
Anachip Corp
AP1122DA ANACHIP-AP1122DA Datasheet
191Kb / 10P
1A Low Dropout Positive Regulator
Rev.1.0 Oct 21, 2004
logo
Diodes Incorporated
AP1122DG-13 DIODES-AP1122DG-13 Datasheet
192Kb / 9P
1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
AP1122DG-U DIODES-AP1122DG-U Datasheet
192Kb / 9P
1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
More results

Similar Description - AP1122_10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC1117 ETC-AMC1117 Datasheet
240Kb / 9P
1A Low Dropout Positive Regulator
logo
Anachip Corp
AP1122 ANACHIP-AP1122 Datasheet
191Kb / 10P
1A Low Dropout Positive Regulator
Rev.1.0 Oct 21, 2004
logo
Diodes Incorporated
AP1122 DIODES-AP1122 Datasheet
192Kb / 9P
1A LOW DROPOUT POSITIVE REGULATOR
AP1122 Rev. 2
logo
GTM CORPORATION
GE1117A50 GTM-GE1117A50 Datasheet
235Kb / 4P
1A LOW DROPOUT POSITIVE REGULATOR
GE1147-50 GTM-GE1147-50 Datasheet
234Kb / 4P
1A LOW DROPOUT POSITIVE REGULATOR
logo
ADDtek Corp
AMC1112 ADDTEK-AMC1112 Datasheet
176Kb / 8P
1A LOW DROPOUT POSITIVE REGULATOR
MAY 2007
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
logo
IK Semicon Co., Ltd
IL78RXX IKSEMICON-IL78RXX Datasheet
309Kb / 17P
1A LOW DROPOUT POSITIVE REGULATOR
logo
Seaward Electronics Inc...
SE1122 SEAWARD-SE1122 Datasheet
178Kb / 4P
1A Low Dropout Positive Regulator
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A_15 Datasheet
220Kb / 11P
1A Low Dropout Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com