Electronic Components Datasheet Search
  English  ▼

X  

AP1122 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP1122
Description  1A LOW DROPOUT POSITIVE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1122 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP1122_10 Datasheet HTML 3Page - Diodes Incorporated AP1122_10 Datasheet HTML 4Page - Diodes Incorporated AP1122_10 Datasheet HTML 5Page - Diodes Incorporated AP1122_10 Datasheet HTML 6Page - Diodes Incorporated AP1122_10 Datasheet HTML 7Page - Diodes Incorporated AP1122_10 Datasheet HTML 8Page - Diodes Incorporated AP1122_10 Datasheet HTML 9Page - Diodes Incorporated AP1122_10 Datasheet HTML 10Page - Diodes Incorporated AP1122_10 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AP1122
1A LOW DROPOUT POSITIVE REGULATOR
AP1122
Document number: DS31012 Rev. 9 - 2
10 of 11
www.diodes.com
May 2010
© Diodes Incorporated
Package Outline Dimensions (Continued)
(4) TO263-3L
9.65/10.29 Typ 9.97
2.54
BSC .
0.51/0.99 Typ 0.75
1.14/1.40 Typ1.27
2.28/2.80 Typ 2.54
1.3
10.9
Land Pattern R ecom m endation (Unit: m m )
2.54
0.38 Typ
(5) TO220-3L
3.55/4.85
Typ4.20
0.51/1.40
Typ0.95
0.31/1.14
Typ0. 72
9.70/10.70
Typ10.20
0.51/1.14
Typ0.83
4.83/5.33
Typ5.08
1.14/1.78
Typ1.46
Ø3.53/4.09
Typ3.81
5.84/6.86
Typ6.35
2.54/3.43
Typ2.98
3.66/6.35
Typ5.00
2.03/2.92
Typ2.48
2.99/2.79
Typ2.54



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com