Electronic Components Datasheet Search
  English  ▼

X  

AP1539 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP1539
Description  18V 4A 300KHz BUCK CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1539 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP1539 Datasheet HTML 2Page - Diodes Incorporated AP1539 Datasheet HTML 3Page - Diodes Incorporated AP1539 Datasheet HTML 4Page - Diodes Incorporated AP1539 Datasheet HTML 5Page - Diodes Incorporated AP1539 Datasheet HTML 6Page - Diodes Incorporated AP1539 Datasheet HTML 7Page - Diodes Incorporated AP1539 Datasheet HTML 8Page - Diodes Incorporated AP1539 Datasheet HTML 9Page - Diodes Incorporated AP1539 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AP1539
18V 4A 300KHz BUCK CONVERTER
AP1539 Rev. 4
6 of 13
OCTOBER 2009
DS31477
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
VIN vs. Frequency
(V
OUT = 3.3V , IOUT = 0.2A )
306
308
310
312
314
316
318
320
322
324
326
02468
10
12
14
16
18
V
IN (V )
VIN vs. VFB
(V
OUT = 3.3V , IOUT = 0.2A )
0.780
0.785
0.790
0.795
0.800
0.805
0.810
0.815
0.820
0
2
4
6
8
10
12
14
16
18
V
IN (V )
Line Regulation
(V
OUT = 3.3V , IOUT = 0.2A )
3.00
3.05
3.10
3.15
3.20
3.25
3.30
3.35
3.40
0246
8
10
12
14
16
18
V
IN (V )
Load Regulation
(V
IN = 12V )
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
I
OUT (A )
Efficiency
(V
IN = 12V )
0
10
20
30
40
50
60
70
80
90
100
0.0
1.0
2.0
3.0
4.0
I
OUT (A )
VOUT=3.3V
VOUT=5V
Switch Current Limit
(T
A = 25℃ )
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
0
2
4
6
8
10
12
14
16
18
V
IN (V )
ROCSET=6.8k
ROCSET=4.7k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com