Electronic Components Datasheet Search
  English  ▼

X  

AP1539 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1539
Description  18V 4A 300KHz BUCK CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1539 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1539 Datasheet HTML 1Page - Diodes Incorporated AP1539 Datasheet HTML 2Page - Diodes Incorporated AP1539 Datasheet HTML 3Page - Diodes Incorporated AP1539 Datasheet HTML 4Page - Diodes Incorporated AP1539 Datasheet HTML 5Page - Diodes Incorporated AP1539 Datasheet HTML 6Page - Diodes Incorporated AP1539 Datasheet HTML 7Page - Diodes Incorporated AP1539 Datasheet HTML 8Page - Diodes Incorporated AP1539 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AP1539
18V 4A 300KHz BUCK CONVERTER
AP1539 Rev. 4
1 of 13
OCTOBER 2009
DS31477
www.diodes.com
© Diodes Incorporated
•
Input voltage: 3.6V to 18V
•
Output voltage: 0.8V to VCC
•
Output current: up to 4A
•
Duty ratio: 0% to 99% PWM control
•
Oscillation frequency: 300KHz typ.
•
Soft-start like, Current limit and Enable function
•
Thermal Shutdown function
•
Built-in internal SW P-channel MOS
•
SOP-8L-DEP: Available in “Green” Molding Compound
(No Br, Sb)
•
Lead Free Finish / RoHS Compliant (Note 1)
AP1539 consists of step-down switching regulator with PWM
control. These devices include a reference voltage source,
oscillation circuit, error amplifier, internal PMOS.
AP1539 provides low-ripple power, high efficiency, and excellent
transient characteristics. The PWM control circuit is able to vary
the duty ratio linearly from 0 up to 99%.
This converter also
contains an error amplifier circuit as well as a soft-start circuit that
prevents overshoot at startup.
An enable function, an over
current protect function and a short circuit protect function are built
inside, and when OCP or SCP happens, the operation frequency
will be reduced from 300KHz to 50KHz. Also, an internal
compensation block is built in to minimum external component
count. With the addition of an internal P-channel Power MOS, a
coil, capacitors, and a diode connected externally, these ICs can
function as step-down switching regulators. They serve as ideal
power supply units for portable devices when coupled with the
SOP-8L-DEP mini-package, providing such outstanding features
as
low
current
consumption.
Since
this
converter
can
accommodate an input voltage up to 18V, it is also suitable for the
operation via an AC adapter.
•
PC Motherboard
•
LCD Monitor
•
Graphic Card
•
DVD-Video Player
•
Telecom Equipment
•
ADSL Modem
•
Printer and other Peripheral Equipment
•
Microprocessor core supply
Typical Application Circuit
AP 1539
+
-
VSS
EN
Cc
R
A
R
B
D1
**
FB
Vcc
Output
CVcc
V
OUT = 5V/4A
V
IN
R
OCSET
OCSET
C
OUT
C
IN
Option
*
C
OCSET
C
EN
R
EN
Option
100K
VOUT=VFB x (1+RA/RB)
R
B= 0.7K~5K ohm
L1
22uH
6.8K
1.3K
3.9K
0.1uF
+
-
C
0.1uF
470uF
***
470uF
0.1uF
Notes:
* Typical feedback compensation (Cc): 5600pF.
** Suggested DIODES Power Schottky P/N: B540 series or PDS540.
*** Suggested COUT for VOUT < 1V; 680uF.
Features
General Description
Applications


Similar Part No. - AP1539

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1539 DIODES-AP1539 Datasheet
239Kb / 12P
18V 4A 300KHz BUCK CONVERTER
AP1539 Rev. 2
More results

Similar Description - AP1539

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1503 ANACHIP-AP1503 Datasheet
151Kb / 5P
300Khz, 2.5A PWM Buck DC/DC Converter
Rev 1.0 Sep. 29, 2004
AP1518 ANACHIP-AP1518 Datasheet
193Kb / 12P
300KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
Diodes Incorporated
AP1538 DIODES-AP1538 Datasheet
289Kb / 14P
18V 3A 300KHz BUCK CONVERTER
AP1538 Rev. 2
AP1539 DIODES-AP1539 Datasheet
239Kb / 12P
18V 4A 300KHz BUCK CONVERTER
AP1539 Rev. 2
AP1530 DIODES-AP1530_09 Datasheet
259Kb / 12P
18V 3A 300KHz BUCK CONVERTER
AP1530 Rev. 7
AP1538 DIODES-AP1538_09 Datasheet
312Kb / 13P
18V 3A 300KHz BUCK CONVERTER
AP1538 Rev. 5
AP1530SG-13 DIODES-AP1530SG-13 Datasheet
259Kb / 12P
18V 3A 300KHz BUCK CONVERTER
Rev 7
logo
List of Unclassifed Man...
XL4003 ETC2-XL4003 Datasheet
322Kb / 9P
4A 300KHz 32V Buck DC to DC Converter
logo
Global Mixed-mode Techn...
G5503 GMT-G5503 Datasheet
160Kb / 1P
300KHz, 3A Buck Converter
logo
Richtek Technology Corp...
RT6264A RICHTEK-RT6264A Datasheet
1Mb / 25P
18V Input, 4A, ACOT® Buck Converter with Both FETs OC Protection
August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com