Electronic Components Datasheet Search
  English  ▼

X  

AP1539 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP1539
Description  18V 4A 300KHz BUCK CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1539 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP1539 Datasheet HTML 5Page - Diodes Incorporated AP1539 Datasheet HTML 6Page - Diodes Incorporated AP1539 Datasheet HTML 7Page - Diodes Incorporated AP1539 Datasheet HTML 8Page - Diodes Incorporated AP1539 Datasheet HTML 9Page - Diodes Incorporated AP1539 Datasheet HTML 10Page - Diodes Incorporated AP1539 Datasheet HTML 11Page - Diodes Incorporated AP1539 Datasheet HTML 12Page - Diodes Incorporated AP1539 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AP1539
18V 4A 300KHz BUCK CONVERTER
AP1539 Rev. 4
10 of 13
OCTOBER 2009
DS31477
www.diodes.com
© Diodes Incorporated
Top Side Layout Guide
Bottom Side Layout Guide
Functional Description
(Continued)
Use vias to conduct the heat into the backside of
PCB layer. The heat sink at output (SW) pins should
be allowed for maximum solder-painted area.
Keep the gap of exposed pads from short circuit.
Recommended exposed-pads gap: 30~40mil
(0.75~1mm)
Brown: IC exposed pads.
Red: recommended layout.
Reference pads layout dimension:
Output: 90 x 50 mil
Vss: 90 x 60 mil



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com