Electronic Components Datasheet Search
  English  ▼

X  

AP8800 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP8800
Description  350mA LED Step-down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8800 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP8800 Datasheet HTML 1Page - Diodes Incorporated AP8800 Datasheet HTML 2Page - Diodes Incorporated AP8800 Datasheet HTML 3Page - Diodes Incorporated AP8800 Datasheet HTML 4Page - Diodes Incorporated AP8800 Datasheet HTML 5Page - Diodes Incorporated AP8800 Datasheet HTML 6Page - Diodes Incorporated AP8800 Datasheet HTML 7Page - Diodes Incorporated AP8800 Datasheet HTML 8Page - Diodes Incorporated AP8800 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AP8800
350mA LED Step-down Converter
AP8800 Rev. 4
1 of 13
DECEMBER 2009
DS31764
www.diodes.com
© Diodes Incorporated
•
LED driving current up to 350mA
•
Compatible with 12V & 24V standard systems
•
High efficiency up to 92%
•
High switching frequency up to 0.6MHz
•
PWM/DC input for dimming control
•
Built-in soft-start function
•
Built-in output open-circuit protection
•
SOP-8L, MSOP-8L and DFN3030-10 are available in
“Green” Molding Compound (No Br, Sb)
•
Lead Free Finish/RoHS Compliant (Note 1)
The AP8800 is a step-down DC/DC converter designed to drive
LEDs with a constant current. The device can drive up to seven
LEDs, depending on the forward voltage of the LEDs, in series
from a voltage source of 8V to 28V. Series connection of the
LEDs provides identical LED currents resulting in uniform
brightness and eliminates the need for ballast resistors. The
AP8800 switches at frequency up to 0.6MHz.
This allows the
use of small size external components, hence minimizing the
PCB area needed.
Maximum output current of AP8800 is set via an external resistor
connected between the VIN and SET input pins.
Dimming is
achieved by applying either a DC voltage or a PWM signal at the
CTRL input pin.
An input voltage of 0.2V or lower at CTRL shuts
down the output at SW and puts the device into a low-current
standby state.
•
Commercial & Industrial lighting
•
Small LCD panel backlight
•
Architecture Detail lighting
•
Appliances interior lighting
Typical Application Circuit
Figure 1:
Typical Application Circuit
Features
General Description
Applications


Similar Part No. - AP8800

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP8800 DIODES-AP8800 Datasheet
198Kb / 11P
350mA LED Step-Down Converter
AP8800 Rev. 1
AP8800A DIODES-AP8800A Datasheet
153Kb / 12P
COST EFFECTIVE 28V BUCK 1-W LED DRIVER
Rev 2
AP8800AWT-7 DIODES-AP8800AWT-7 Datasheet
153Kb / 12P
COST EFFECTIVE 28V BUCK 1-W LED DRIVER
Rev 2
AP8800EV1 DIODES-AP8800EV1 Datasheet
175Kb / 8P
step-down DC/DC converter designed to drive LEDs with a constant current.
AUGUST 2009
AP8800EV2 DIODES-AP8800EV2 Datasheet
177Kb / 8P
The evaluation board does not have reverse polarity protection
AUGUST 2009
More results

Similar Description - AP8800

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7535 INTERSIL-EL7535 Datasheet
317Kb / 8P
Monolithic 350mA Step-Down Regulator
August 16, 2005
EL7535 INTERSIL-EL7535_06 Datasheet
180Kb / 9P
Monolithic 350mA Step-Down Regulator
July 13, 2006
logo
Catalyst Semiconductor
CAT4201 CATALYST-CAT4201 Datasheet
327Kb / 15P
350mA High Efficiency Step Down LED Driver
logo
ON Semiconductor
CAT4201TD-GT3 ONSEMI-CAT4201TD-GT3 Datasheet
281Kb / 15P
350mA High Efficiency Step Down LED Driver
Doc. No. MD-5025 Rev. E
logo
Diodes Incorporated
AP8800 DIODES-AP8800 Datasheet
198Kb / 11P
350mA LED Step-Down Converter
AP8800 Rev. 1
AP8802 DIODES-AP8802 Datasheet
217Kb / 13P
1A LED Step-Down Converter
AP8802 Rev. 1
AP8801_0912 DIODES-AP8801_0912 Datasheet
154Kb / 11P
500mA LED Step-down Converter
AP8801 Rev. 4
logo
Texas Instruments
LM3673 TI1-LM3673_14 Datasheet
5Mb / 23P
2MHz, 350mA Step-Down DC-DC Converter
logo
Renesas Technology Corp
EL7535 RENESAS-EL7535 Datasheet
505Kb / 10P
Monolithic 350mA Step-Down Regulator
logo
HY-LINE Power Component...
P8LD035-24 HY-LINE-P8LD035-24 Datasheet
366Kb / 3P
P8LD035-24 Step Down Driver for 350mA Power-LED
Rev: 7.12 f
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com