Electronic Components Datasheet Search
  English  ▼

X  

AP8800 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP8800
Description  350mA LED Step-down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8800 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP8800 Datasheet HTML 1Page - Diodes Incorporated AP8800 Datasheet HTML 2Page - Diodes Incorporated AP8800 Datasheet HTML 3Page - Diodes Incorporated AP8800 Datasheet HTML 4Page - Diodes Incorporated AP8800 Datasheet HTML 5Page - Diodes Incorporated AP8800 Datasheet HTML 6Page - Diodes Incorporated AP8800 Datasheet HTML 7Page - Diodes Incorporated AP8800 Datasheet HTML 8Page - Diodes Incorporated AP8800 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AP8800
350mA LED Step-down Converter
AP8800 Rev. 4
4 of 13
DECEMBER 2009
DS31764
www.diodes.com
© Diodes Incorporated
Block Diagram
Voltage
Regulator
5V
R
CTRL
VIN
GND
SET SW
Sensing
Block
VREF 1.25V
AP8800
PWM/DC
Control
Figure 2: AP8800 Block Diagram
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN
VIN pin voltage
-0.3~30
V
VSW
SW voltage
-0.3~30
V
TJ
Maximum Junction Temperature
125
oC
TLEAD
Maximum Lead Temperature
300
oC
TST
Storage Temperature Range
-65 to +125
oC
Caution:
The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These values must therefore not
be exceeded under any condition.
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken
when handling and transporting these devices.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
TA
Ambient Temperature Range
-40
85
ºC
Duty Cycle
Using Inductor
≥ 100µH (Note 3)
0.1
0.95
Notes:
3. For most applications the LED current will be within 8% over the duty cycle range specified. Duty cycle accuracy is also dependent on
propagation delay. Smaller size inductors can be used but LED current accuracy may be greater than 8% at extremes of duty cycle. This is
most noticeable at low duty cycles (less than 0.1) or when the input voltage is high and only one LED is being driven.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com