Electronic Components Datasheet Search
  English  ▼

X  

AP8800 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP8800
Description  350mA LED Step-down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8800 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP8800 Datasheet HTML 1Page - Diodes Incorporated AP8800 Datasheet HTML 2Page - Diodes Incorporated AP8800 Datasheet HTML 3Page - Diodes Incorporated AP8800 Datasheet HTML 4Page - Diodes Incorporated AP8800 Datasheet HTML 5Page - Diodes Incorporated AP8800 Datasheet HTML 6Page - Diodes Incorporated AP8800 Datasheet HTML 7Page - Diodes Incorporated AP8800 Datasheet HTML 8Page - Diodes Incorporated AP8800 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AP8800
350mA LED Step-down Converter
AP8800 Rev. 4
3 of 13
DECEMBER 2009
DS31764
www.diodes.com
© Diodes Incorporated
(1) SOP-8L
(2) MSOP-8L
1
2
3
45
6
7
8
( Top View )
RSVD
GND
SW
NC
CTRL
SET
NC
VIN
AP8800
1
2
3
45
6
7
8
( Top View )
RSVD
GND
SW
NC
CTRL
SET
NC
VIN
AP8800
(3) DFN3030-10
( Top View )
1
2
5
3
6
8
7
10
9
GND
RSVD
NC
CTRL
SW
NC
VIN
NC
SET
NC
AP8800
4
Pin Name
Description
SW
Switch Pin. Connect inductor/freewheeling diode here. Minimize trace area at this pin to reduce
EMI.
GND
GND pin
SET
Set Nominal Output Current Pin. To configure the output current of the device.
CTRL
Dimming and On/Off Control Input. Input voltage of 0.2V or lower forces the device into low
current standby mode and shuts off the output.
A PWM signal allows the output current to be
adjusted above or below the level set by the resistor connected to SET input pin.
The input impedance is about 200k
Ω, and if the pin is left open V
CTRL = VREF
VIN
Input Supply Pin. Must be locally bypassed.
RSVD
Reserved. Normally connected to Ground
NC
No Connection.
Pin Assignments
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com